Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72141K2 Datasheet(PDF) 121 Page - STMicroelectronics

Part # ST72141K2
Description  8-BIT MCU WITH ELECTRIC-MOTOR CONTROL, ADC, 16-BIT TIMERS, SPI INTERFACE
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72141K2 Datasheet(HTML) 121 Page - STMicroelectronics

Back Button ST72141K2 Datasheet HTML 117Page - STMicroelectronics ST72141K2 Datasheet HTML 118Page - STMicroelectronics ST72141K2 Datasheet HTML 119Page - STMicroelectronics ST72141K2 Datasheet HTML 120Page - STMicroelectronics ST72141K2 Datasheet HTML 121Page - STMicroelectronics ST72141K2 Datasheet HTML 122Page - STMicroelectronics ST72141K2 Datasheet HTML 123Page - STMicroelectronics ST72141K2 Datasheet HTML 124Page - STMicroelectronics ST72141K2 Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 132 page
background image
ST72141K
121/132
10.6 SUPPLY, RESET AND CLOCK CHARACTERISTICS
10.6.1 Supply Manager
Recommended operating conditions with TA=-40 to +125
oC and voltages referred to V
SS.
10.6.2 RESET Sequence Manager
Recommended operating conditions with TA=-40...+125
oC and 4.5V<V
DD-VSS<5.5V.
10.6.3 Clock System
Recommended operating conditions with TA=-40 to +125
oC and voltages referred to V
SS.
Notes:
1) LVD typical data is based on TA=25°C. This data is provided only as design guidelines and are not tested.
2) The VLVDhyst hysteresis is constant.
3) The VDD rise time rate condition is needed to ensure a correct device power-on reset. Not tested in production.
4) Data based on characterization results, not tested in production.
5) Unless otherwise specified, typical data is based on TA=25°C and VDD-VSS=5V. This data is provided only as design
guidelines and is not tested.
6) This data is based on typical a RSmax value. The oscillator selection can be optimized in terms of supply current with
a high quality resonator.
7) RSmax is the equivalent serial resistor of the crystal or ceramic resonator.
8) Data based on design simulations and/or technology characteristics, not tested in production.
LOW VOLTAGE DETECTOR (LVD)
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
VLVDr
Reset release threshold
VDD rise
4.05
4.30
V
VLVDf
Reset generation threshold
VDD fall
3.5
3.75
4.0
VLVDhyst
VLVD Hysteresis
2)
VLVDr - VLVDf
250
mV
VtPOR
VDD rise time rate
3)
0.2
50
V/ms
IDD
LVD Supply Current
HALT mode
100
2004)
µA
RESET SEQUENCE MANAGER (RSM)
Symbol
Parameter
Conditions
Min
Typ 5)
Max
Unit
RON
Reset weak pull-up resistance
VIN > VIH
VIN ≥VSS
5
20
10
80
20
180
k
Ω
tDELAYmin
Reset delay for external and
watchdog reset sources
6
30
1/fSFOSC
µs
tPULSE
External RESET pin Pulse time
20
µs
EXTERNAL CLOCK SOURCE
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOSC2h
OSC2 input pin high level voltage
Square wave signal
with ~50% Duty Cycle
0.7xVDD
VDD
V
VOSC2l
OSC2 input pin low level voltage
VSS
0.3xVDD
CRYSTAL AND CERAMIC RESONATOR OSCILLATORS
Symbol
Parameter
Conditions
Min
Typ 5)
Max
Unit
fOSC
Oscillator Frequency 6)
816
MHz
CLi
Load Capacitor
RSmax=100 Ω
7)
15 8)
18
21 6)
pF
IDD
Supply Current
700
1100 4)
µA
tSTART
Oscillator start-up time
Depends on resonator quality. A typical value is 10ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com