Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72141K2 Datasheet(PDF) 122 Page - STMicroelectronics

Part # ST72141K2
Description  8-BIT MCU WITH ELECTRIC-MOTOR CONTROL, ADC, 16-BIT TIMERS, SPI INTERFACE
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72141K2 Datasheet(HTML) 122 Page - STMicroelectronics

Back Button ST72141K2 Datasheet HTML 118Page - STMicroelectronics ST72141K2 Datasheet HTML 119Page - STMicroelectronics ST72141K2 Datasheet HTML 120Page - STMicroelectronics ST72141K2 Datasheet HTML 121Page - STMicroelectronics ST72141K2 Datasheet HTML 122Page - STMicroelectronics ST72141K2 Datasheet HTML 123Page - STMicroelectronics ST72141K2 Datasheet HTML 124Page - STMicroelectronics ST72141K2 Datasheet HTML 125Page - STMicroelectronics ST72141K2 Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 132 page
background image
ST72141K
122/132
10.7 MEMORY AND PERIPHERAL CHARACTERISTICS
Recommended operating conditions with TA=-40 to +125
oC and V
DD-VSS=5V unless otherwise specified.
Note:
1) Unless otherwise specified, typical data is based on TA = 25° C and VDD-VSS = 5 V. This data is provided only as de-
sign guidelines and are not tested.
2) The VMTChyst hysteresis is constant.
Figure 64. Motor Control Comparator Characteristics
EPROM
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
WERASE
UV lamp
Lamp wavelength 2537Å
15
W-sec/cm2
tERASE
Erase Time
UV lamp placed 1 inch from
the device window without
any interposed filters
15
20
min
WATCHDOG
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tw(WDG)
Watchdog time-out duration
12,288
786,432
tCPU
fCPU=8MHz
1.54
98.3
ms
tWDGRST
Watchdog RESET pulse width
500
ns
MOTOR CONTROL
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
VOFFSET
Comparator offset error
<10
100
mV
VMTChyst
MCIA/B/C comparator hysteresis 2)
35
80
130
mV
tPROPAG
Comparator propagation delay
1
µs
Reference voltage tolerance
5
%
R1
VCREF resistance bridge
30
k
Ω
R2
70
0.7
∆α/αα tolerance
5%
∆V
REF
VREF
α=
R1+R2
R2
t
COMPARATOR
IDEAL
REAL
VIN
tPROPAG
tPROPAG
VOFFSET
VOFFSET
VREF+
VMTChyst
2
VREF-
VMTChyst
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com