Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE20 Datasheet(PDF) 101 Page - STMicroelectronics

Part # ST7LITE20
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE20 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button ST7LITE20 Datasheet HTML 97Page - STMicroelectronics ST7LITE20 Datasheet HTML 98Page - STMicroelectronics ST7LITE20 Datasheet HTML 99Page - STMicroelectronics ST7LITE20 Datasheet HTML 100Page - STMicroelectronics ST7LITE20 Datasheet HTML 101Page - STMicroelectronics ST7LITE20 Datasheet HTML 102Page - STMicroelectronics ST7LITE20 Datasheet HTML 103Page - STMicroelectronics ST7LITE20 Datasheet HTML 104Page - STMicroelectronics ST7LITE20 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 131 page
background image
ST7LITE2
101/131
13.5 CLOCK AND TIMING CHARACTERISTICS
Subject to general operating conditions for VDD, fOSC, and TA.
13.5.1 General Timings
Notes:
1. Guaranteed by Design. Not tested in production.
2. Data based on typical application software.
3. Time measured between interrupt event and interrupt vector fetch. Dtc(INST) is the number of tCPU cycles needed to fin-
ish the current instruction execution.
13.5.2 Auto Wakeup from Halt Oscillator (AWU)
Symbol
Parameter 1)
Conditions
Min
Typ 2)
Max
Unit
tc(INST)
Instruction cycle time
fCPU=8MHz
2
3
12
tCPU
250
375
1500
ns
tv(IT)
Interrupt reaction time 3)
tv(IT) = ∆tc(INST) + 10
fCPU=8MHz
10
22
tCPU
1.25
2.75
µs
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fAWU
AWU Oscillator Frequency
50
125
250
kHz
tRCSRT
AWU Oscillator startup time
50
µs
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com