Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE20 Datasheet(PDF) 102 Page - STMicroelectronics

Part # ST7LITE20
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE20 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button ST7LITE20 Datasheet HTML 98Page - STMicroelectronics ST7LITE20 Datasheet HTML 99Page - STMicroelectronics ST7LITE20 Datasheet HTML 100Page - STMicroelectronics ST7LITE20 Datasheet HTML 101Page - STMicroelectronics ST7LITE20 Datasheet HTML 102Page - STMicroelectronics ST7LITE20 Datasheet HTML 103Page - STMicroelectronics ST7LITE20 Datasheet HTML 104Page - STMicroelectronics ST7LITE20 Datasheet HTML 105Page - STMicroelectronics ST7LITE20 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 131 page
background image
ST7LITE2
102/131
13.6 MEMORY CHARACTERISTICS
TA = -40°C to 125°C, unless otherwise specified
13.6.1 RAM and Hardware Registers
13.6.2 FLASH Program Memory
13.6.3 EEPROM Data Memory
Notes:
1. Minimum VDD supply voltage without losing data stored in RAM (in HALT mode or under RESET) or in hardware reg-
isters (only in HALT mode). Guaranteed by construction, not tested in production.
2. Up to 32 bytes can be programmed at a time.
3. The data retention time increases when the TA decreases.
4. Data based on reliability test results and monitored in production.
5. Data based on characterization results, not tested in production.
6. Guaranteed by Design. Not tested in production.
7. Design target value pending full product characterization.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRM
Data retention mode 1)
HALT mode (or RESET)
1.6
V
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Operating voltage for Flash write/erase
2.4
5.5
V
tprog
Programming time for 1~32 bytes 2)
TA=−40 to +85°C
5
10
ms
Programming time for 1.5 kBytes
TA=+25°C
0.24
0.48
s
tRET
Data retention 4)
TA=+55°C
3)
20
years
NRW
Write erase cycles
TA=+25°C
10K7)
cycles
IDD
Supply current
Read / Write / Erase
modes
fCPU = 8MHz, VDD = 5.5V
2.66)
mA
No Read/No Write Mode
100
µA
Power down mode / HALT
0
0.1
µA
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tprog
Programming time for 1~32 bytes
TA=−40 to +85°C
5
10
ms
tret
Data retention 4)
TA=+55°C
3)
20
years
NRW
Write erase cycles
TA=+25°C
300K7)
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com