Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 62 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 62 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 58Page - STMicroelectronics ST92F120JR9T Datasheet HTML 59Page - STMicroelectronics ST92F120JR9T Datasheet HTML 60Page - STMicroelectronics ST92F120JR9T Datasheet HTML 61Page - STMicroelectronics ST92F120JR9T Datasheet HTML 62Page - STMicroelectronics ST92F120JR9T Datasheet HTML 63Page - STMicroelectronics ST92F120JR9T Datasheet HTML 64Page - STMicroelectronics ST92F120JR9T Datasheet HTML 65Page - STMicroelectronics ST92F120JR9T Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 320 page
background image
62/320
ST92F120 - REGISTER AND MEMORY MAP
Figure 31. ST92F120 User Memory Map (part 3)
4.3 ST92F120 REGISTER MAP
Table 16 contain the map of the group F peripheral
pages.
The common registers used by each peripheral
are listed in Table 15.
Be very careful to correctly program both:
– The set of registers dedicated to a particular
function or peripheral.
– Registers common to other functions.
– In particular, double-check that any registers
with “undefined” reset values have been correct-
ly initialised.
Warning: Note that in the EIVR and each IVR reg-
ister, all bits are significant. Take care when defin-
ing base vector addresses that entries in the Inter-
rupt Vector table do not overlap.
Table 15. Common Registers
RAM
SEGMENT 20
64 Kbytes
200000h
20FFFFh
20C000h
20BFFFh
208000h
207FFFh
204000h
203FFFh
PAGE 80 - 16 Kbytes
PAGE 81 - 16 Kbytes
PAGE 82 - 16 Kbytes
PAGE 83 - 16 Kbytes
200000h
200FFFh
Not Available
2005FFh
2007FFh
1.5 Kbytes
2 Kbytes
4 Kbytes
Function or Peripheral
Common Registers
SCI, MFT
CICR + NICR + DMA REGISTERS + I/O PORT REGISTERS
A/D
CICR + NICR + I/O PORT REGISTERS
SPI, WDT, STIM
CICR + NICR + EXTERNAL INTERRUPT REGISTERS +
I/O PORT REGIST ERS
I/O PORTS
I/O PORT REGIST ERS + MODER
EXTERNAL INTERRUPT
INTERRUPT REGISTERS + I/O PORT REGISTERS
RCCU
INTERRUPT REGISTERS + MODER
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com