Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 36Page - STMicroelectronics ST92F120JR9T Datasheet HTML 37Page - STMicroelectronics ST92F120JR9T Datasheet HTML 38Page - STMicroelectronics ST92F120JR9T Datasheet HTML 39Page - STMicroelectronics ST92F120JR9T Datasheet HTML 40Page - STMicroelectronics ST92F120JR9T Datasheet HTML 41Page - STMicroelectronics ST92F120JR9T Datasheet HTML 42Page - STMicroelectronics ST92F120JR9T Datasheet HTML 43Page - STMicroelectronics ST92F120JR9T Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 320 page
background image
40/320
ST92F120 - DEVICE ARCHITECTURE
MMU REGISTERS (Cont’d)
DATA PAGE REGISTER 0 (DPR0)
R240 - Read/Write
Register Page: 21
Reset value: undefined
This register is relocated to R224 if EMR2.5 is set.
Bit 7:0 = DPR0_[7:0]: These bits define the 16-
Kbyte Data Memory page number. They are used
as the most significant address bits (A21-14) to ex-
tend the address during a Data Memory access.
The DPR0 register is used when addressing the
virtual address range 0000h-3FFFh.
DATA PAGE REGISTER 1 (DPR1)
R241 - Read/Write
Register Page: 21
Reset value: undefined
This register is relocated to R225 if EMR2.5 is set.
Bit 7:0 = DPR1_[7:0]: These bits define the 16-
Kbyte Data Memory page number. They are used
as the most significant address bits (A21-14) to ex-
tend the address during a Data Memory access.
The DPR1 register is used when addressing the
virtual address range 4000h-7FFFh.
DATA PAGE REGISTER 2 (DPR2)
R242 - Read/Write
Register Page: 21
Reset value: undefined
This register is relocated to R226 if EMR2.5 is set.
Bit 7:0 = DPR2_[7:0]: These bits define the 16-
Kbyte Data memory page. They are used as the
most significant address bits (A21-14) to extend
the address during a Data memory access. The
DPR2 register is involved when the virtual address
is in the range 8000h-BFFFh.
DATA PAGE REGISTER 3 (DPR3)
R243 - Read/Write
Register Page: 21
Reset value: undefined
This register is relocated to R227 if EMR2.5 is set.
Bit 7:0 = DPR3_[7:0]: These bits define the 16-
Kbyte Data memory page. They are used as the
most significant address bits (A21-14) to extend
the address during a Data memory access. The
DPR3 register is involved when the virtual address
is in the range C000h-FFFFh.
70
DPR0
_7
DPR0
_6
DPR0
_5
DPR0
_4
DPR0
_3
DPR0
_2
DPR0
_1
DPR0
_0
70
DPR1
_7
DPR1
_6
DPR1
_5
DPR1
_4
DPR1
_3
DPR1
_2
DPR1
_1
DPR1
_0
70
DPR2
_7
DPR2
_6
DPR2
_5
DPR2
_4
DPR2
_3
DPR2
_2
DPR2
_1
DPR2
_0
70
DPR3
_7
DPR3
_6
DPR3
_5
DPR3
_4
DPR3
_3
DPR3
_2
DPR3
_1
DPR3
_0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com