Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 100 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 100 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 96Page - STMicroelectronics ST92F120JR9T Datasheet HTML 97Page - STMicroelectronics ST92F120JR9T Datasheet HTML 98Page - STMicroelectronics ST92F120JR9T Datasheet HTML 99Page - STMicroelectronics ST92F120JR9T Datasheet HTML 100Page - STMicroelectronics ST92F120JR9T Datasheet HTML 101Page - STMicroelectronics ST92F120JR9T Datasheet HTML 102Page - STMicroelectronics ST92F120JR9T Datasheet HTML 103Page - STMicroelectronics ST92F120JR9T Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 320 page
background image
100/320
ST92F120 - RESET AND CLOCK CONTROL UNIT (RCCU)
Figure 45. ST92F120 Clock Distribution Diagram
Quartz
PLL
1/16
x
1/2
DIV2
1/ N
Oscillator
MX(1:0)
CSU_CKSEL
6/8/10/14
XT_DIV16
DX(2:0)
1/4
CK_128
01
0
1
0
1
RCCU
INTCLK
CLOCK2
STIM
1/4
1... 256
3-bit Prescaler
CPU
MFTx
1/3
1...2 56
TxIN A/TxINB
(Max INTCLK/3)
EFTx
1/N
EXTCLKx
(Max INTCLK/4)
N=2,4,8
Baud Rate
Generator
1/ N
N=2...( 216-1)
SCIx
1...8
Baud Rate
Generator
1/N
N=2,4,16,32
SCK
Master
SCK
Slave
(Max INTCLK/2)
SPI
LOGIC
JBLPD
CPUCLK
EMBEDDED MEMORY
RAM
EPROM
FLASH
EEPR OM
I2C
STD
FAST
1/N
1/N
N=4,6, 8...258
N=6,9,12...387
Fscl
≤100 kHz
Fscl
≤ 400 kHz
Fscl > 100 kHz
1.. .8
A/Dx
1...64
P6.5
1/ 2
1/16
P6.0
1/8
Conversion time
138 * INTCLK
P9.6
1/4
WDG
1...256
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com