Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 93 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 93 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 89Page - STMicroelectronics ST92F120JR9T Datasheet HTML 90Page - STMicroelectronics ST92F120JR9T Datasheet HTML 91Page - STMicroelectronics ST92F120JR9T Datasheet HTML 92Page - STMicroelectronics ST92F120JR9T Datasheet HTML 93Page - STMicroelectronics ST92F120JR9T Datasheet HTML 94Page - STMicroelectronics ST92F120JR9T Datasheet HTML 95Page - STMicroelectronics ST92F120JR9T Datasheet HTML 96Page - STMicroelectronics ST92F120JR9T Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 320 page
background image
93/320
ST92F120 - INTERRUPTS
WAKE-UP / INTERRUPT LINES MANAGEMENT UNIT (Cont’d)
WAKE-UP
TRIGGER
REGISTER
HIGH
(WUTRH)
R252 - Read/Write
Register Page: 57
Reset Value: 0000 0000 (00h)
Bit 7:0 = WUT[15:8]:
Wake-Up Trigger Polarity
Bits
These bits are set and cleared by software.
0: The corresponding WUPx pending bit will be set
on the falling edge of the input wake-up line .
1: The corresponding WUPx pending bit will be set
on the rising edge of the input wake-up line.
WAKE-UP TRIGGER REGISTER LOW (WUTRL)
R253 - Read/Write
Register Page: 57
Reset Value: 0000 0000 (00h)
Bit 7:0 = WUT[7:0]:
Wake-Up Trigger Polarity Bits
These bits are set and cleared by software.
0: The corresponding WUPx pending bit will be set
on the falling edge of the input wake-up line.
1: The corresponding WUPx pending bit will be set
on the rising edge of the input wake-up line.
WARNING
1. As the external wake-up lines are edge trig-
gered, no glitches must be generated on these
lines.
2. If either a rising or a falling edge on the external
wake-up
lines
occurs
while
writing
the
WUTRLH or WUTRL registers, the pending bit
will not be set.
WAKE-UP PENDING REGISTER HIGH
(WUPRH)
R254 - Read/Write
Register Page: 57
Reset Value: 0000 0000 (00h)
Bit 7:0 = WUP[15:8]:
Wake-Up Pending Bits
These bits are set by hardware on occurrence of
the trigger event on the corresponding wake-up
line. They must be cleared by software. They can
be set by software to implement a software inter-
rupt.
0: No Wake-up Trigger event occurred
1: Wake-up Trigger event occured
WAKE-UP PENDING REGISTER LOW (WUPRL)
R255 - Read/Write
Register Page: 57
Reset Value: 0000 0000 (00h)
Bit 7:0 = WUP[7:0]:
Wake-Up Pending Bits
These bits are set by hardware on occurrence of
the trigger event on the corresponding wake-up
line. They must be cleared by software. They can
be set by software to implement a software inter-
rupt.
0: No Wake-up Trigger event occurred
1: Wake-up Trigger event occured
Note: To avoid losing a trigger event while clear-
ing the pending bits, it is recommended to use
read-modify-write
instructions
(AND,
BRES,
BAND) to clear them.
70
WUT15 WUT14 WUT13 WUT12 WUT11 WUT10
WUT9
WUT8
70
WUT7
WUT6
WUT5
WUT4
WUT3
WUT2
WUT1
WUT0
70
WUP15 WUP14 WUP13 WUP12 WUP11 WUP10
WUP9
WUP8
70
WUP7
WUP6
WUP5
WUP4
WUP3
WUP2
WUP1
WUP0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com