Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 59 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 55Page - STMicroelectronics ST92F120JR9T Datasheet HTML 56Page - STMicroelectronics ST92F120JR9T Datasheet HTML 57Page - STMicroelectronics ST92F120JR9T Datasheet HTML 58Page - STMicroelectronics ST92F120JR9T Datasheet HTML 59Page - STMicroelectronics ST92F120JR9T Datasheet HTML 60Page - STMicroelectronics ST92F120JR9T Datasheet HTML 61Page - STMicroelectronics ST92F120JR9T Datasheet HTML 62Page - STMicroelectronics ST92F120JR9T Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 320 page
background image
59/320
ST92F120 - REGISTER AND MEMORY MAP
4 REGISTER AND MEMORY MAP
4.1 INTRODUCTION
The ST92F120 register map, memory map and
peripheral options are documented in this section.
Use this reference information to supplement the
functional descriptions given elsewhere in this
document.
4.2 MEMORY CONFIGURATION
The Program memory space of the ST92F120 up
to 128K bytes of directly addressable on-chip
memory, is fully available to the user.
The first 256 memory locations from address 0 to
FFh hold the Reset Vector, the Top-Level (Pseudo
Non-Maskable) interrupt, the Divide by Zero Trap
Routine vector and, optionally, the interrupt vector
table for use with the on-chip peripherals and the
external interrupt sources. Apart from this case no
other part of the Program memory has a predeter-
mined function.
Table 14. First 6 Bytes of Program Space
0
Address high of Power on Reset routine
1
Address low of Power on Reset routine
2
Address high of Divide by zero trap Subroutine
3
Address low of Divide by zero trap Subroutine
4
Address high of Top Level Interrupt routine
5
Address low of Top Level Interrupt routine
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com