Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 84 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 84 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 80Page - STMicroelectronics ST92F120JR9T Datasheet HTML 81Page - STMicroelectronics ST92F120JR9T Datasheet HTML 82Page - STMicroelectronics ST92F120JR9T Datasheet HTML 83Page - STMicroelectronics ST92F120JR9T Datasheet HTML 84Page - STMicroelectronics ST92F120JR9T Datasheet HTML 85Page - STMicroelectronics ST92F120JR9T Datasheet HTML 86Page - STMicroelectronics ST92F120JR9T Datasheet HTML 87Page - STMicroelectronics ST92F120JR9T Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 320 page
background image
84/320
ST92F120 - INTERRUPTS
INTERRUPT REGISTERS (Cont’d)
EXTERNAL INTERRUPT PENDING REGISTER
(EIPR)
R243 - Read/Write
Register Page: 0
Reset value: 0000 0000 (00h)
Bit 7 = IPD1:
INTD1 Interrupt Pending bit
Bit 6 = IPD0:
INTD0 Interrupt Pending bit
Bit 5 = IPC1:
INTC1 Interrupt Pending bit
Bit 4 = IPC0:
INTC0 Interrupt Pending bit
Bit 3 = IPB1:
INTB1 Interrupt Pending bit
Bit 2 = IPB0:
INTB0 Interrupt Pending bit
Bit 1 = IPA1:
INTA1 Interrupt Pending bit
Bit 0 = IPA0:
INTA0 Interrupt Pending bit
These bits are set by hardware on occurrence of a
trigger event (as specified in the EITR register)
and are cleared by hardware on interrupt acknowl-
edge. They can also be set by software to imple-
ment a software interrupt.
0: No interrupt pending
1: Interrupt pending
EXTERNAL INTERRUPT MASK-BIT REGISTER
(EIMR)
R244 - Read/Write
Register Page: 0
Reset value: 0000 0000 (00h)
Bit 7 = IMD1:
INTD1 Interrupt Mask
Bit 6 = IMD0:
INTD0 Interrupt Mask
Bit 5 = IMC1:
INTC1 Interrupt Mask
Bit 4 = IMC0:
INTC0 Interrupt Mask
Bit 3 = IMB1:
INTB1 Interrupt Mask
Bit 2 = IMB0:
INTB0 Interrupt Mask
Bit 1 = IMA1:
INTA1 Interrupt Mask
Bit 0 = IMA0:
INTA0 Interrupt Mask
These bits are set and cleared by software.
0: Interrupt masked
1: Interrupt not masked (an interrupt is generated if
the IPxx and IEN bits = 1)
EXTERNAL
INTERRUPT
PRIORITY
LEVEL
REGISTER (EIPLR)
R245 - Read/Write
Register Page: 0
Reset value: 1111 1111 (FFh)
Bit 7:6 = PL2D, PL1D:
INTD0, D1 Priority Level.
Bit 5:4 = PL2C, PL1C:
INTC0, C1 Priority Level.
Bit 3:2 = PL2B, PL1B:
INTB0, B1 Priority Level.
Bit 1:0 = PL2A, PL1A:
INTA0, A1 Priority Level.
These bits are set and cleared by software.
The priority is a three-bit value. The LSB is fixed by
hardware at 0 for Channels A0, B0, C0 and D0 and
at 1 for Channels A1, B1, C1 and D1.
70
IPD1
IPD0
IPC1
IPC0
IPB1
IPB0
IPA1
IPA0
70
IMD1 IMD0 IMC1 IMC0 IMB1 IMB0 IMA1 IMA0
70
PL2D PL1D PL2C PL1C PL2B PL1B PL2A PL1A
PL2x
PL1x
Hardware
bit
Priority
00
0
1
0 (Highest)
1
01
0
1
2
3
10
0
1
4
5
11
0
1
6
7 (Lowest)
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com