Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 80 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 80 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 76Page - STMicroelectronics ST92F120JR9T Datasheet HTML 77Page - STMicroelectronics ST92F120JR9T Datasheet HTML 78Page - STMicroelectronics ST92F120JR9T Datasheet HTML 79Page - STMicroelectronics ST92F120JR9T Datasheet HTML 80Page - STMicroelectronics ST92F120JR9T Datasheet HTML 81Page - STMicroelectronics ST92F120JR9T Datasheet HTML 82Page - STMicroelectronics ST92F120JR9T Datasheet HTML 83Page - STMicroelectronics ST92F120JR9T Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 320 page
background image
80/320
ST92F120 - INTERRUPTS
EXTERNAL INTERRUPTS (Cont’d)
Figure 39. External Interrupts Control Bits and Vectors
* Only four interrupt pins are available at the same time. Refer to Table 19 for I/O pin mapping.
INT A0
request
VECTOR
Priority level
Mask bit
Pending bit
IMA0
IPA0
V7 V6 V5 V4 0
0
0 X
X
X
0
“0”
“1”
IA0S
Watchdog/Timer
End of count
INT 0 pin*
INT A1
request
INT 6 pin
INT B0
request
INT 2 pin*
INT B1
request
TEB 1
INT 3 pin*
INT C0
request
INT C1
request
INT D0
request
INT D1
request
VECTOR
Priority level
Mask bit
Pending bit
IMA1
IPA1
V7 V6 V5 V4 0
0
1
X
X
X
1
V7 V6 V5 V4 0
1
0
X
X
X
0
V7 V6 V5 V4 0
1
1
X
X
X
1
V7 V6 V5 V4 1
00
X
X
X
0
V7 V6 V5 V4 1
01 X
X
X
1
V7 V6 V5 V4 1
1
0 X
X
X
0
V7 V6 V5 V4 1
1
1X
X
X
1
VECTO R
Priority level
VECTOR
Priority level
VECTO R
Priority level
VECTOR
Priority level
VECTOR
Priority level
VECTOR
Priority level
Mask bit
IMB0
Pending bit IPB0
Pending bit IPB1
Pending bit IPC0
Pending bit IPC1
Pending bit IPD0
Pending bit IPD1
Mask bit IMB1
Mask bit
IMC0
Mask bit
IMC1
Mask bit IMD0
Mask bit
IMD1
SPIS
SPI Interrupt
“1”
“0”
INTS
STD Timer
“1”
“0”
INT_SEL
RCCU
“0”
“1”
TEA 0
TEB 0
“0”
“1”
TED0
EFTIS
EFT1 Timer
“0”
“1”
“1”
“0”
EFTI S
EFT 0 Timer
“1”
“0”
ID1S
NMI
Wake-up
Controller
WKUP
(0:15)
EEPROM/Flas h
FEIEN
INT 4 pin*
INT 5 pin*
INT 1 pin*
TEA1
TEC0
TEC1
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com