Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 61 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 61 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 57Page - STMicroelectronics ST92F120JR9T Datasheet HTML 58Page - STMicroelectronics ST92F120JR9T Datasheet HTML 59Page - STMicroelectronics ST92F120JR9T Datasheet HTML 60Page - STMicroelectronics ST92F120JR9T Datasheet HTML 61Page - STMicroelectronics ST92F120JR9T Datasheet HTML 62Page - STMicroelectronics ST92F120JR9T Datasheet HTML 63Page - STMicroelectronics ST92F120JR9T Datasheet HTML 64Page - STMicroelectronics ST92F120JR9T Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 320 page
background image
61/320
ST92F120 - REGISTER AND MEMORY MAP
Figure 30. ST92F120JV1Q7/ST92F120V1Q7 User Memory Map (part 2)
TESTFLASH - 8 Kbytes
SEGMENT 23
64 Kbytes
23000 0h
23FFFFh
23C0 00h
23BFFFh
23800 0h
237F FFh
23400 0h
233F FFh
PAGE 92 - 16 Kbytes
PAGE 93 - 16 Kbytes
PAGE 94 - 16 Kbytes
PAGE 95 - 16 Kbytes
23000 0h
231F FFh
8 Kbytes
231F 80h
231F FFh
FLASH OTP - 128 bytes
231F FCh
231F FFh
FLASH OTP Protection - 4 bytes
FLASH Registers - 4 bytes
SEGMENT 22
64 Kbytes
22000 0h
22FFFFh
22C0 00h
22BFFFh
22800 0h
227F FFh
22400 0h
223F FFh
PAGE 88 - 16 Kbytes
PAGE 89 - 16 Kbytes
PAGE 90 - 16 Kbytes
PAGE 91 - 16 Kbytes
22400 0h
224003h
4 bytes
128 bytes
4 bytes
Not Available
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com