Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 67 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 67 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 63Page - STMicroelectronics ST92F120JR9T Datasheet HTML 64Page - STMicroelectronics ST92F120JR9T Datasheet HTML 65Page - STMicroelectronics ST92F120JR9T Datasheet HTML 66Page - STMicroelectronics ST92F120JR9T Datasheet HTML 67Page - STMicroelectronics ST92F120JR9T Datasheet HTML 68Page - STMicroelectronics ST92F120JR9T Datasheet HTML 69Page - STMicroelectronics ST92F120JR9T Datasheet HTML 70Page - STMicroelectronics ST92F120JR9T Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 320 page
background image
67/320
ST92F120 - REGISTER AND MEMORY MAP
11
STIM
R240
STH
Counter High Byte Register
FF
139
R241
STL
Counter Low Byte Register
FF
139
R242
STP
Standard Timer Prescaler Register
FF
139
R243
STC
Standard Timer Control Register
14
139
20
I2C
R240
I2DCCR
I2C Control Register
00
232
R241
I2CSR1
I2C Status Register 1
00
233
R242
I2CSR2
I2C Status Register 2
00
235
R243
I2CCCR
I2C Clock Control Register
00
236
R244
I2COAR1
I2C Own Address Register 1
00
236
R245
I2COAR2
I2C Own Address Register 2
00
237
R246
I2CDR
I2C Data Register
00
237
R247
I2CADR
I2C General Call Address
A0
237
R248
I2CISR
I2C Interrupt Status Register
xx
238
R249
I2CIVR
I2C Interrupt Vector Register
xx
239
R250
I2CRDAP
Receiver DMA Source Addr. Pointer
xx
239
R251
I2CRDC
Receiver DMA Transaction Counter
xx
239
R252
I2CTDAP
Transmitter DMA Source Addr. Pointer
xx
240
R253
I2CTDC
Transmitter DMA Transaction Counter
xx
240
R254
I2CECCR
Extended Clock Control Register
00
240
R255
I2CIMR
I2C Interrupt Mask Register
x0
241
21
MMU
R240
DPR0
Data Page Register 0
xx
40
R241
DPR1
Data Page Register 1
xx
40
R242
DPR2
Data Page Register 2
xx
40
R243
DPR3
Data Page Register 3
xx
40
R244
CSR
Code Segment Register
00
41
R248
ISR
Interrupt Segment Register
xx
41
R249
DMASR
DMA Segment Register
xx
41
EXTMI
R245
EMR1
External Memory Register 1
80
120
R246
EMR2
External Memory Register 2
1F
121
Page
(Dec)
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
Doc.
Page
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com