Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 103 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 103 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 99Page - STMicroelectronics ST92F120JR9T Datasheet HTML 100Page - STMicroelectronics ST92F120JR9T Datasheet HTML 101Page - STMicroelectronics ST92F120JR9T Datasheet HTML 102Page - STMicroelectronics ST92F120JR9T Datasheet HTML 103Page - STMicroelectronics ST92F120JR9T Datasheet HTML 104Page - STMicroelectronics ST92F120JR9T Datasheet HTML 105Page - STMicroelectronics ST92F120JR9T Datasheet HTML 106Page - STMicroelectronics ST92F120JR9T Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 320 page
background image
103/320
ST92F120 - RESET AND CLOCK CONTROL UNIT (RCCU)
CLOCK MANAGEMENT (Cont’d)
7.3.3 Peripheral Clock
The system clock, INTCLK, which may be the out-
put of the PLL clock multiplier, CLOCK2, CLOCK2/
16 or CK_AF, is also routed to all ST9 on-chip pe-
ripherals and acts as the central timebase for all
timing functions.
7.3.4 Low Power Modes
The user can select an automatic slowdown of
clock frequency during Wait for Interrupt opera-
tion, thus idling in low power mode while waiting
for an interrupt. In WFI operation the clock to the
CPU core is stopped, thus suspending program
execution, while the clock to the peripherals may
be programmed as described in the following par-
agraphs. Two examples of Low Power operation in
WFI are illustrated in Figure 48 and Figure 49.
Providing that low power operation during Wait for
Interrupt is enabled (by setting the LPOWFI bit in
the CLKCTL Register), as soon as the CPU exe-
cutes the WFI instruction, the PLL is turned off and
the system clock will be forced to CLOCK2 divided
by 16, or to the external low frequency clock,
CK_AF, if this has been selected by setting
WFI_CKSEL, and providing CKAF_ST is set, thus
indicating that the external clock is selected and
actually present on the CK_AF pin.
If the external clock source is used, the crystal os-
cillator may be stopped by setting the XTSTOP bit,
providing that the CK_AK clock is present and se-
lected, indicated by CKAF_ST being set. The crys-
tal oscillator will be stopped automatically on en-
tering WFI if the WFI_CKSEL bit has been set. It
should be noted that selecting a non-existent
CK_AF clock source is impossible, since such a
selection requires that the auxiliary clock source
be actually present and selected. In no event can
a non-existent clock source be selected inadvert-
ently.
It is up to the user program to switch back to a fast-
er clock on the occurrence of an interrupt, taking
care to respect the oscillator and PLL stabilisation
delays, as appropriate.
It should be noted that any of the low power modes
may also be selected explicitly by the user pro-
gram even when not in Wait for Interrupt mode, by
setting the appropriate bits.
7.3.5 Interrupt Generation
System clock selection modifies the CLKCTL and
CLK_FLAG registers.
The clock control unit generates an external inter-
rupt request when CK_AF and CLOCK2/16 are
selected or deselected as system clock source, as
well as when the system clock restarts after a
hardware stop (when the STOP MODE feature is
available on the specific device). This interrupt can
be masked by resetting the INT_SEL bit in the
CLKCTL register. Note that this is the only case in
the ST9 where an interrupt is generated with a
high to low transition.
Table 21. Summary of Operating Modes using main Crystal Controlled Oscillator
MODE
INTCLK
CPUCLK
DIV2
PRS0-2
CSU_CKSEL
MX0-1
DX2-0
LPOWFI
XT_DIV16
PLL x BY 14
XTAL/2
x (14/D)
INTCLK/N
1
N-1
1
1 0
D-1
X
1
PLL x BY 10
XTAL/2
x (10/D)
INTCLK/N
1
N-1
1
0 0
D-1
X
1
PLL x BY 8
XTAL/2
x (8/D)
INTCLK/N
1
N-1
1
1 1
D-1
X
1
PLL x BY 6
XTAL/2
x (6/D)
INTCLK/N
1
N-1
1
0 1
D-1
X
1
SLOW 1
XTAL/2
INTCLK/N
1
N-1
X
X
111
X
1
SLOW 2
XTAL/32
INTCLK/N
1
N-1
X
X
X
X
0
WAIT FOR
INTERRUPT
If LPOWFI=0, no changes occur on INTCLK ,but CPUCLK is stopped anyway.
LOW POWER
WAIT FOR
INTERRUPT
XTAL/32
STOP
1
X
X
X
X
1
1
RESET
XTAL/2
INTCLK
1
0
0
00
111
0
1
EXAMPLE
XTAL=4.4 MHz
2.2*10/2
= 11MHz
11MHz
1
0
1
00
001
X
1
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com