Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 105 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 105 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 101Page - STMicroelectronics ST92F120JR9T Datasheet HTML 102Page - STMicroelectronics ST92F120JR9T Datasheet HTML 103Page - STMicroelectronics ST92F120JR9T Datasheet HTML 104Page - STMicroelectronics ST92F120JR9T Datasheet HTML 105Page - STMicroelectronics ST92F120JR9T Datasheet HTML 106Page - STMicroelectronics ST92F120JR9T Datasheet HTML 107Page - STMicroelectronics ST92F120JR9T Datasheet HTML 108Page - STMicroelectronics ST92F120JR9T Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 320 page
background image
105/320
ST92F120 - RESET AND CLOCK CONTROL UNIT (RCCU)
Figure 49. Example of Low Power mode programming in WFI using CLOCK2/16
n
User’s Program
WFI instruction
PROGRAM FLOW
INTCLK FREQUENCY
Interrupt
PLL multiply factor
Divider factor set
Wait for the PLL to lock
Wait For Interrupt
No code is executed until
Interrupt serviced
set to 6
to 1, and PLL turned ON
an interrupt is requested
Low Power Mode enabled
2 MHz
12 MHz
2MHz
12 MHz
*TPLK = PLL lock-in time
TPLK*
FXtal = 4 MHz, VDD = 2.7 V min
WAIT
CSU_CKSEL
← 1
PLL is system clock source
PLL switched on
125 KHz
in WFI state
User’s Program
activated
PLL is system clock source
Wait for the PLL to lock
WAIT
LPOWFI
← 1
WFI status
Interrupt Routine
CSU_CKSEL
← 1
DX2-0
← 000
MX(1:0)
← 01
Reset State
CLOCK2/16 selected and PLL
automatically
Begin
CLOCK2 selected
stopped
Execution of user program
resumes at full speed
TPLK*
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com