Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 110 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 110 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 106Page - STMicroelectronics ST92F120JR9T Datasheet HTML 107Page - STMicroelectronics ST92F120JR9T Datasheet HTML 108Page - STMicroelectronics ST92F120JR9T Datasheet HTML 109Page - STMicroelectronics ST92F120JR9T Datasheet HTML 110Page - STMicroelectronics ST92F120JR9T Datasheet HTML 111Page - STMicroelectronics ST92F120JR9T Datasheet HTML 112Page - STMicroelectronics ST92F120JR9T Datasheet HTML 113Page - STMicroelectronics ST92F120JR9T Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 320 page
background image
110/320
ST92F120 - RESET AND CLOCK CONTROL UNIT (RCCU)
CERAMIC RESONATORS
Murata Electronics CERALOCK resonators have been tested with the ST92F120 at 3, 3.68, 4 and 5 MHz.
Some resonators have built-in capacitors (see Table 25).
The test circuit is shown in Figure 54.
Figure 54. Test circuit
Table 25 shows the recommended conditions at different frequencies.
Table 25. Obtained Results
Advantages of using ceramic resonators:
CST and CSTCC types have built-in loading ca-
pacitors (those with values shown in parentheses
()).
Rp is always open in the previous table because
there is no need for a parallel resistor with a reso-
nator (it is needed only with a crystal).
Test conditions:
The evaluation conditions are 4.5 to 5.5 V for the
supply voltage and -40
° to 105° C for the tempera-
ture range.
Caution:
The above circuit condition is for design reference
only.
Recommended C1, C2 value depends on the cir-
cuit board used.
VDD
C1
C2
OSCIN
CERALOCK
ST92F120
V2
V1
Rp
Rd
OSCOUT
VSS
Freq.
(MHz)
Parts Number
C1 (PF)
C2 (PF)
Rp (Ohm)
Rd (Ohm)
3
CSA3.00MG
30
30
Open
0
CST3.00MGW
(30)
(30)
Open
0
3.68
CSA3.68MG
30
30
Open
0
CST3.68MGW
(30)
(30)
Open
0
CSTCC3.68MG
(15)
(15)
Open
0
4
CSA4.00MG
30
30
Open
0
CST4.00MGW
(30)
(30)
Open
0
CSTCC4.00MG
(15)
(15)
Open
0
5
CSA5.00MG
30
30
Open
0
CST5.00MGW
(30)
(30)
Open
0
CSTCC5.00MG
(15)
(15)
Open
0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com