Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 156 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 156 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 152Page - STMicroelectronics ST92F120JR9T Datasheet HTML 153Page - STMicroelectronics ST92F120JR9T Datasheet HTML 154Page - STMicroelectronics ST92F120JR9T Datasheet HTML 155Page - STMicroelectronics ST92F120JR9T Datasheet HTML 156Page - STMicroelectronics ST92F120JR9T Datasheet HTML 157Page - STMicroelectronics ST92F120JR9T Datasheet HTML 158Page - STMicroelectronics ST92F120JR9T Datasheet HTML 159Page - STMicroelectronics ST92F120JR9T Datasheet HTML 160Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 320 page
background image
156/320
EXTENDED FUNCTION TIMER (EFT)
EXTENDED FUNCTION TIMER (Cont’d)
CONTROL REGISTER 2 (CR2)
R253 - Read/Write
Register Page: 28
Reset Value: 0000 0000 (00h)
Bit 7 = OC1E
Output Compare 1 Enable.
0: Output Compare 1 function is enabled, but the
OCMP1 pin is a general I/O.
1: Output Compare 1 function is enabled, the
OCMP1 pin is dedicated to the Output Compare
1 capability of the timer.
Bit 6 = OC2E
Output Compare 2 Enable.
0: Output Compare 2 function is enabled, but the
OCMP2 pin is a general I/O.
1: Output Compare 2 function is enabled, the
OCMP2 pin is dedicated to the Output Compare
2 capability of the timer.
Bit 5 = OPM
One Pulse Mode.
0: One Pulse Mode is not active.
1: One Pulse Mode is active, the ICAP1 pin can be
used to trigger one pulse on the OCMP1 pin; the
active transition is given by the IEDG1 bit. The
length of the generated pulse depends on the
contents of the OC1R register.
Bit 4 = PWM
Pulse Width Modulation.
0: PWM mode is not active.
1: PWM mode is active, the OCMP1 pin outputs a
programmable cyclic signal; the length of the
pulse depends on the value of OC1R register;
the period depends on the value of OC2R regis-
ter.
Bit 3, 2 = CC[1:0]
Clock Control.
The value of the timer clock depends on these bits:
Table 29. Clock Control Bits
Bit 1 = IEDG2
Input Edge 2.
This bit determines which type of level transition
on the ICAP2 pin will trigger the capture.
0: A falling edge triggers the capture.
1: A rising edge triggers the capture.
Bit 0 = EXEDG
External Clock Edge.
This bit determines which type of level transition
on the external clock pin EXTCLK will trigger the
free running counter.
0: A falling edge triggers the free running counter.
1: A rising edge triggers the free running counter.
70
OC1E OC2E OPM PWM CC1 CC0 IEDG2 EXEDG
CC1
CC0
Timer Clock
00
INTCLK /4
01
INTCLK /2
10
INTCLK /8
11
External Clock (where
available)
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com