Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 164 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 164 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 160Page - STMicroelectronics ST92F120JR9T Datasheet HTML 161Page - STMicroelectronics ST92F120JR9T Datasheet HTML 162Page - STMicroelectronics ST92F120JR9T Datasheet HTML 163Page - STMicroelectronics ST92F120JR9T Datasheet HTML 164Page - STMicroelectronics ST92F120JR9T Datasheet HTML 165Page - STMicroelectronics ST92F120JR9T Datasheet HTML 166Page - STMicroelectronics ST92F120JR9T Datasheet HTML 167Page - STMicroelectronics ST92F120JR9T Datasheet HTML 168Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 320 page
background image
164/320
MULTIFUNCTION TIMER (MFT)
MULTIFUNCTION TIMER (Cont’d)
Every software or external trigger event on
REG0R performs a reload from REG0R resetting
the Biload cycle. In One Shot mode (reload initiat-
ed by software or by an external trigger), reloading
is always from REG0R.
B) Bicapture Mode
The Bicapture Mode is entered by selecting the Bi-
value Mode (the BM bit in TMR is set) and by pro-
gramming REG0R as a capture register (the RM0
bit in TMR is set).
Every capture event, software simulated (by set-
ting the CP0 flag) or coming directly from the TxI-
NA input line, captures the current counter value
alternately into REG0R and REG1R. When the
BM bit is reset, REG0R is the current register, so
that the first capture, after resetting the BM bit, is
always into REG0R.
10.4.2.12 Parallel Mode
When two timers are present on an ST9 device,
the parallel mode is entered when the ECK bit in
the TMR register of Timer 1 is set. The Timer 1
prescaler input is internally connected to the Timer
0 prescaler output. Timer 0 prescaler input is con-
nected to the system clock line.
By loading the Prescaler Register of Timer 1 with
the value 00h the two timers (Timer 0 and Timer 1)
are driven by the same frequency in parallel mode.
In this mode the clock frequency may be divided
by a factor in the range from 1 to 216.
10.4.2.13 Autodiscriminator Mode
The phase difference sign of two overlapping puls-
es (respectively on TxINB and TxINA) generates a
one step up/down count, so that the up/down con-
trol and the counter clock are both external. The
setting of the UDC bit in the TCR register has no
effect in this configuration.
Figure 85. Parallel Mode Description
PRESCALER 0
PRES CALER 1
TIMER 1
TIMER 0
INTCLK/ 3
Note: Timer 1 is not available on all devices. Refer to
(See note)
block diagram and register map.
the device
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com