Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 258 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 258 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 254Page - STMicroelectronics ST92F120JR9T Datasheet HTML 255Page - STMicroelectronics ST92F120JR9T Datasheet HTML 256Page - STMicroelectronics ST92F120JR9T Datasheet HTML 257Page - STMicroelectronics ST92F120JR9T Datasheet HTML 258Page - STMicroelectronics ST92F120JR9T Datasheet HTML 259Page - STMicroelectronics ST92F120JR9T Datasheet HTML 260Page - STMicroelectronics ST92F120JR9T Datasheet HTML 261Page - STMicroelectronics ST92F120JR9T Datasheet HTML 262Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 320 page
background image
258/320
J1850 Byte Level Protocol Decoder (JBLPD)
J1850 BYTE LEVEL PROTOCOL DECODER (Cont’d)
Note: After an MCU reset, the DMA requests of
the JBLPD have a higher priority than the interrupt
requests.
If the DMASUSP bit of the OPTIONS register is
set, while the ERROR and TLA flags are set, no
DMA transfer will be performed, allowing the re-
lavent interrupt routines to manage each condition
and, if necessary, disable the DMA transfer (Refer
to Section 10.8.6 DMA Features).
Table 48. JBLPD internal priority levels
The user can program the most significant bits of
the interrupt vectors by writing the V[7:3] bits of the
IVR register. Starting from the value stored by the
user, the JBLPD sets the three least significant
bits of the IVR register to produce four interrupt
vectors that are associated with interrupt sources
as shown in Table 49.
Table 49. JBLPD interrupt vectors
Each interrupt source has a pending bit in the
STATUS register, except the DMA interrupt sourc-
es that have the interrupt pending bits located in
the PRLR register.
These bits are set by hardware when the corre-
sponding interrupt event occurs. An interrupt re-
quest is performed only if the related mask bits are
set in the IMR register and the JBLPD has priority.
The pending bits have to be reset by the user soft-
ware. Note that until the pending bits are set (while
the corresponding mask bits are set), the JBLPD
processes interrupt requests. So, if at the end of
an interrupt routine the related pending bit is not
reset, another interrupt request is performed.
To reset the pending bits, different actions have to
be done, depending on each bit: see the descrip-
tion of the STATUS and PRLR registers.
Priority Level
Interrupt Source
Higher
ERROR, TLA
EODM, EOFM
RDRF, REOB
Lower
TRDY, TEOB
Interrupt Vector
Interrupt Source
V[7:3] 000b
ERROR, TLA
V[7:3] 010b
EODM, EOFM
V[7:3] 100b
RDRF, REOB
V[7:3] 110b
TRDY, TEOB
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com