Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 263 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 263 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 259Page - STMicroelectronics ST92F120JR9T Datasheet HTML 260Page - STMicroelectronics ST92F120JR9T Datasheet HTML 261Page - STMicroelectronics ST92F120JR9T Datasheet HTML 262Page - STMicroelectronics ST92F120JR9T Datasheet HTML 263Page - STMicroelectronics ST92F120JR9T Datasheet HTML 264Page - STMicroelectronics ST92F120JR9T Datasheet HTML 265Page - STMicroelectronics ST92F120JR9T Datasheet HTML 266Page - STMicroelectronics ST92F120JR9T Datasheet HTML 267Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 320 page
background image
263/320
J1850 Byte Level Protocol Decoder (JBLPD)
J1850 BYTE LEVEL PROTOCOL DECODER (Cont’d)
10.8.7 Register Description
The JBLPD peripheral uses 48 registers that are
mapped in a single page of the ST9 register file.
Twelve registers are mapped from R240 (F0h) to
R251 (FBh): these registers are usually used to
control the JBLPD. See Section 10.8.7.1 Un-
Stacked Registers for a detailed description of
these registers.
Thirty-six registers are mapped from R252 (FCh)
to R255 (FFh). This is obtained by creating 9 sub-
pages, each containing 4 registers, mapped in the
same register addresses; 4 bits (RSEL[3:0]) of a
register (OPTIONS) are used to select the current
sub-page. See Section 10.8.7.2 Stacked Regis-
ters section for a detailed description of these reg-
isters.
The ST9 Register File page used is 23 (17h).
NOTE: Bits marked as “Reserved” should be left at
their reset value to guarantee software compatibil-
ity with future versions of the JBLPD.
Figure 120. JBLPD Register Map
STATUS
CLKSEL
R240 (F0h)
R241 (F1h)
R242 (F2h)
R243 (F3h)
R244 (F4h)
R245 (F5h)
R246 (F6h)
R247 (F7h)
R248 (F8h)
R249 (F9h)
R250 (FAh)
R251 (FBh)
R252 (FCh)
R253 (FDh)
R254 (FEh)
R255 (FFh)
TXDATA
RXDATA
TXOP
CONTROL
PADDR
ERROR
IVR
PRLR
IMR
OPTIONS
CREG0
CREG1
CREG2
CREG3
RDAPR
RDCPR
TDAPR
TDCPR
FREG0
FREG31
FREG30
FREG29
FREG28
FREG1
FREG2
FREG3
FREG4
FREG5
FREG6
FREG7
FREG10
FREG11
FREG9
FREG8
FREG12
FREG13
FREG15
FREG14
FREG16
FREG17
FREG18
FREG19
FREG20
FREG21
FREG22
FREG23
FREG24
FREG25
FREG26
FREG27
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com