Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56F826 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # DSP56F826
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F826 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button DSP56F826 Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
External Clock Operation
56F827 Technical Data, Rev. 12
Freescale Semiconductor
31
as a typical circuit board trace capacitance the parallel load capacitance presented to the crystal is 9pF as
determined by the following equation:
This is the value load capacitance that should be used when selecting a crystal and determining the actual
frequency of operation of the crystal oscillator circuit.
Figure 3-9 Connecting to a Crystal Oscillator Circuit
3.6.2
Ceramic Resonator
It is also possible to drive the internal oscillator with a ceramic resonator, assuming the overall system
design can tolerate the reduced signal integrity. A typical ceramic resonator circuit is shown in
Figure 3-10. The resonator and components should be mounted as close as possible to the EXTAL and
XTAL pins. The internal 56F82x oscillator circuitry is designed to have no external load capacitors
present. As shown in Figure 3-9, no external load capacitors should be used.
Figure 3-10 Connecting a Ceramic Resonator
Note: Freescale recommends only two terminal ceramic resonators vs. three terminal resonators
(which contain an internal bypass capacitor to ground).
CL =
CL1 * CL2
CL1 + CL2
+ Cs =
+ 3 = 6 + 3 = 9pF
12 * 12
12 + 12
Recommended External Crystal
Parameters:
Rz = 1 to 3MΩ
fc = 4MHz (optimized for 4MHz)
EXTAL XTAL
Rz
fc
EXTAL XTAL
Rz
fc
Recommended Ceramic Resonator
Parameters:
Rz = 1 to 3 MΩ
fc = 4MHz (optimized for 4MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com