Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56F826 Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # DSP56F826
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F826 Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button DSP56F826 Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 47Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
56F827 Technical Data, Rev. 12
44
Freescale Semiconductor
Delay from STCK high to STFS (wl) low - Master5
tTFSWLM
-1.0
—
-0.1
ns
Delay from SRCK high to SRFS (bl) low - Master5
tRFSBLM
-0.1
—
0
ns
Delay from SRCK high to SRFS (wl) low - Master5
tRFSWLM
-0.1
—
0
ns
STCK high to STXD enable from high impedance - Master
tTXEM
20
—
22
ns
STCK high to STXD valid - Master
tTXVM
24
—
26
ns
STCK high to STXD not valid - Master
tTXNVM
0.1
—
0.2
ns
STCK high to STXD high impedance - Master
tTXHIM
24
—
25.5
ns
SRXD Setup time before SRCK low - Master
tSM
4—
—
ns
SRXD Hold time after SRCK low - Master
tHM
4—
—
ns
Synchronous Operation (in addition to standard internal clock parameters)
SRXD Setup time before STCK low - Master
tTSM
4—
—
—
SRXD Hold time after STCK low - Master
tTHM
4—
—
—
1. Master mode is internally generated clocks and frame syncs
2. Max clock frequency is IP_clk/4 = 40MHz / 4 = 10MHz for an 80MHz part.
3. All the timings for the SSI are given for a non-inverted serial clock polarity (TSCKP=0 in SCR2 and RSCKP=0 in SCSR)
and a non-inverted frame sync (TFSI=0 in SCR2 and RFSI=0 in SCSR). If the polarity of the clock and/or the frame sync
have been inverted, all the timings remain valid by inverting the clock signal STCK/SRCK and/or the frame sync STFS/SRFS
in the tables and in the figures.
4. 50% duty cycle
5. bl = bit length; wl = word length
Table 3-14 SSI Master Mode1 Switching Characteristics
Operating Conditions: VSSIO=VSS = VSSA = 0V, VDDA =VDDIO=3.0–3.6V, VDD = 2.25–2.75V, TA = –40° to +85°C, CL < 50pF, fop = 80MHz
Parameter
Symbol
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com