Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56F826 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # DSP56F826
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F826 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button DSP56F826 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
Signals and Package Information
56F827 Technical Data, Rev. 12
Freescale Semiconductor
13
D0
(GPIOG0)
125
Input/Output
Input/Output
Data Bus—D0–D15 specify the data for external Program or Data memory
accesses. D0-D15 are tri-stated when the external bus is inactive.
Port G GPIO—These 16 General Purpose I/O (GPIO) pins can be individually
programmed as input or output pins.
After reset, the default state is Address Bus.
D1
(GPIOG1)
126
D2
(GPIOG2)
127
D3
(GPIOG3)
128
D4
(GPIOG4)
1
D5
(GPIOG5)
2
D6
(GPIOG6)
3
D7
(GPIOG7)
6
D8
(GPIOG8)
7
D9
(GPIOG9)
8
D10
(GPIOG10)
9
D11
(GPIOG11)
10
D12
(GPIOG12)
11
D13
(GPIOG13)
12
D14
(GPIOG14)
13
D15
(GPIOG15)
14
PS
(PCS0)
18
Output
Program Memory Select—PS is asserted low for external program memory
access. This pin can also be programmed as a programmable chip select.
DS
(PCS1)
17
Output
Data Memory Select—DS is asserted low for external Data memory access.
This pin can also be programmed as a programmable chip select.
Table 2-2 56F827 Signal and Package Information for the 128 Pin LQFP (Continued)
Signal Name
Pin No.
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com