Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56F826 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # DSP56F826
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F826 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  DSP56F826 Datasheet HTML 1Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
56F827 Technical Data, Rev. 12
4
Freescale Semiconductor
Part 1 Overview
1.1 56F827 Features
1.1.1
Processing Core
•
Efficient 16-bit 56800 family processor engine with dual Harvard architecture
•
As many as 40 Million Instructions Per Second (MIPS) at 80MHz core frequency
•
Single-cycle 16
× 16-bit parallel Multiplier-Accumulator (MAC)
•
Two 36-bit accumulators including extension bits
•
16-bit bidirectional shifter
•
Parallel instruction set with unique processor addressing modes
•
Hardware DO and REP loops
•
Three internal address buses and one external address bus
•
Four internal data buses and one external data bus
•
Instruction set supports both DSP and controller functions
•
Controller style addressing modes and instructions for compact code
•
Efficient C Compiler and local variable support
•
Software subroutine and interrupt stack with depth limited only by memory
•
JTAG/OnCE Debug Programming Interface
1.1.2
Memory
•
Harvard architecture permits as many as three simultaneous accesses to Program and Data memory
•
On-chip memory including a low-cost, high-volume Flash solution
— 64K words of Program Flash
—1K words of Program RAM
— 4K words of Data RAM
— 4K words of Data Flash
•
Off-chip memory expansion capabilities programmable for 0, 4, 8, or 12 wait states
— As much as 64 K
× 16 Data memory
— As much as 64 K
× 16 Program memory
1.1.3
Peripheral Circuits for 56F827
•
One 10 channel, 12-bit, Analog-to-Digital Converter (ADC)
•
One General Purpose Quad Timer totaling 4 pins
•
One Serial Peripheral Interface with configurable four-pin port multiplexed with two Serial
Communications Interfaces totalling 4 pins or 4 GPIO pins
•
Three Serial Communication Interfaces with 2 pins each (or 6 additional GPIO pins)
•
Two Serial Peripheral Interface with configurable four-pin port (or 4 additional GPIO pins)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com