Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56F826 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # DSP56F826
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F826 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button DSP56F826 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
56F827 Technical Data, Rev. 12
12
Freescale Semiconductor
A0
(GPIOA0)
21
Output
Input/Output
Address Bus—A0–A15 specify the address for external Program or Data
memory accesses.
Port A GPIO—These 16 General Purpose I/O (GPIO) pins can be individually
programmed as input or output pins.
After reset, the default state is Address Bus.
A1
(GPIOA1)
22
A2
(GPIOA2)
23
A3
(GPIOA3)
24
A4
(GPIOA4)
25
A5
(GPIOA5)
26
A6
(GPIOA6)
27
A7
(GPIOA7)
28
A8
(GPIOA8)
31
A9
(GPIOA9)
32
A10
(GPIOA10)
33
A11
(GPIOA11)
34
A12
(GPIOA12)
35
A13
(GPIOA13)
36
A14
(GPIOA14)
37
A15
(GPIOA15)
38
Table 2-2 56F827 Signal and Package Information for the 128 Pin LQFP (Continued)
Signal Name
Pin No.
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com