Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56F826 Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # DSP56F826
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F826 Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button DSP56F826 Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
56F827 Technical Data, Rev. 12
42
Freescale Semiconductor
3.10 Analog-to-Digital Converter (ADC) Timing
Table 3-13 ADC Characteristics
Characteristic
Symbol
Min
Typ
Max
Unit
ADC Input voltage
VADCIN
0—
VREFHI1
1. VREF must be equal to or less than VDDA and must be greater than 2.7V. For optimal ADC performance, set VREF to
VDDA-0.3V.
V
Resolution
RES
12
—
12
Bits
Integral Non-Linearity2
INL
—
+/- 1
+/- 3
LSB3
Differential Non-Linearity
DNL
—
+/- 0.4
+/- 1
LSB3
Monotonicity
GUARANTEED
ADC internal clock4
fADIC
0.5
—
2.5
MHz
Conversion range
RAD
VREFLO
—VREFHI
V
Power-up time
tADPU
—25
—
ms
Conversion time
tADC
—6
—
tAIC cycles5
Sample time
tADS
—1
—
tAIC cycles5
Input capacitance
CADI
—5
—
pF5
Gain Error (transfer gain)4
EGAIN
0.95
1.00
1.10
—
Offset Voltage4
VOFFSET
-60
+15
+40
mV
Total Harmonic Distortion4
THD
57
66
—
dB
Effective Number of Bits4
ENOB
9.3
10.5
—
bit
Spurious Free Dynamic Range4
SFDR
58
70
—
dB
Signal-to-Noise plus Distortion4
SINAD
56
64
—
dB
ADC quiescent current
IADC
—
10
—
mA
ADC quiescent current (power
down bit set high)
IADCPD
—
1
—
μA
VREF quiescent current
IVREF
—
1
—
mA
VREF quiescent current (power
down bit set high)
IVREFPD
—
1
—
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com