Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56F826 Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # DSP56F826
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F826 Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button DSP56F826 Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
Synchronous Serial Interface (SSI) Timing
56F827 Technical Data, Rev. 12
Freescale Semiconductor
43
1.
Parasitic capacitance due to package, pin to pin, and pin to package base coupling. (1.8pf)
2.
Parasitic capacitance due to the chip bond pad, ESD protection devices and signal routing. (2.04pf)
3.
Equivalent resistance for the ESD isolation resistor and the channel select mux. (500 ohms)
4.
Sampling capacitor at the sample and hold circuit. Capacitor 4 is normally disconnected from the input and is only
connected to it at sampling time. (1pf)
Figure 3-24 Equivalent Analog Input Circuit
3.11 Synchronous Serial Interface (SSI) Timing
2. Measured in 10-90% range.
3. LSB = Least Significant Bit.
4. Guaranteed by characterization.
5. tAIC = 1/fADIC
Table 3-14 SSI Master Mode1 Switching Characteristics
Operating Conditions: VSSIO=VSS = VSSA = 0V, VDDA =VDDIO=3.0–3.6V, VDD = 2.25–2.75V, TA = –40° to +85°C, CL < 50pF, fop = 80MHz
Parameter
Symbol
Min
Typ
Max
Units
STCK frequency
fs
—
—
102
MHz
STCK period3
tSCKW
100
—
—
ns
STCK high time
tSCKH
504
——
ns
STCK low time
tSCKL
504
——
ns
Output clock rise/fall time
—
—
4
—
ns
Delay from STCK high to STFS (bl) high - Master5
tTFSBHM
0.1
—
0.5
ns
Delay from STCK high to STFS (wl) high - Master5
tTFSWHM
0.1
—
0.5
ns
Delay from SRCK high to SRFS (bl) high - Master5
tRFSBHM
0.6
—
1.3
ns
Delay from SRCK high to SRFS (wl) high - Master5
tRFSWHM
0.6
—
1.3
ns
Delay from STCK high to STFS (bl) low - Master5
tTFSBLM
-1.0
—
-0.1
ns
1
2
3
4
ADC analog input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com