Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56F826 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # DSP56F826
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F826 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button DSP56F826 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
56F827 Technical Data, Rev. 12
10
Freescale Semiconductor
2.2 Signals and Package Information
All inputs have a weak internal pull-up circuit associated with them. These pull-up circuits are always
enabled. Exceptions:
1. When a pin is owned by GPIO, then the pull-up may be disabled under software control.
2. TCK has a weak pull-down circuit always active.
Table 2-2 56F827 Signal and Package Information for the 128 Pin LQFP
Signal Name
Pin No.
Type
Description
VDD
116
VDD
Power—These pins provide power to the internal structures of the chip, and
are generally connected to a 2.5V supply.
VDD
81
VDD
VDD
19
VDD
VDDA
62
VDDA
Analog Power—This pin is a dedicated power pin for the analog portion of the
chip and should be connected to a low-noise 3.3V supply.
VDDA_ADC
69
VDDA
Analog Power—This pin is a dedicated power pin for the analog portion of the
ADC module and should be connected to a low-noise 3.3V supply.
VDDIO
113
VDDIO
Power In/Out—These pins provide power to the I/O structures of the chip, and
are generally connected to a 3.3V supply.
VDDIO
82
VDDIO
VDDIO
56
VDDIO
VDDIO
29
VDDIO
VDDIO
4VDDIO
VSS
115
VSS
GND—These pins provide grounding for the internal structures of the chip. All
should be attached to VSS.
VSS
80
VSS
VSS
20
VSS
VSSA
61
VSSA
Analog Ground—This pin supplies an analog ground.
VSSA_ADC
63
VSSA
Analog Ground—This pin is a dedicated ground pin for the analog portion of
the ADC module.
VSSIO
114
VSSIO
GND In/Out—These pins provide grounding for the I/O ring on the chip.
All should be attached to VSS.
VSSIO
83
VSSIO
VSSIO
58
VSSIO
VSSIO
30
VSSIO
VSSIO
5VSSIO
TCS
43
Input/Output
(Schmitt)
TCS—This pin is reserved for factory use. It must be tied to VSS for normal
use. In block diagrams, this pin is considered an additional VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com