Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56F826 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # DSP56F826
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F826 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button DSP56F826 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
Signals and Package Information
56F827 Technical Data, Rev. 12
Freescale Semiconductor
17
SS
(GPIOF7)
99
Input/Output
Input/Output
SPI Slave Select—In master mode, this pin is used to arbitrate multiple
masters. In slave mode, this pin is used to select the slave.
Port F GPIO—This General Purpose I/O (GPIO) pin can be individually
programmed as input or output.
After reset, the default state is SS.
TXD0
(SCLK0)
108
Output
Input/Output
Transmit Data (TXD0)—transmit data output
SPI Serial Clock—In master mode, this pin serves as an output, clocking
slaved listeners. In slave mode, this pin serves as the data clock input.
After reset, the default state is SCI output.
RXD0
(MOSI0)
107
Input
Input/Output
Receive Data (RXD0)—receive data input
SPI Master Out/Slave In—This serial data pin is an input to a master device
and an output from a slave device. The MISO line of a slave device is placed
in the high-impedance state if the slave device is not selected.
TXD1
(MISO0)
106
Output
Input/Output
Transmit Data (TXD1)—transmit data output
SPI Master In/Slave Out—This serial data pin is an output to a master device
and an input from a slave device. The master device places data on the MOSI
line one half-cycle before the clock edge the slave device uses to latch the
data.
After reset, the default state is SCI input.
RXD1
(SS0)
105
Input
(Schmitt)
Input
Receive Data (RXD1)— receive data input
SPI Slave Select—In master mode, this pin is used to arbitrate multiple
masters. In slave mode, this pin is used to select the slave.
After reset, the default state is SCI input.
TXD2
(GPIOC6)
104
Output
Input/Output
Transmit Data (TXD2)—transmit data output
Port C GPIO—This General Purpose I/O (GPIO) pin can be individually
programmed as input or output.
After reset, the default state is GPIO output.
RXD2
(GPIOC7)
103
Input/Output
Input/Output
Receive Data (RXD2)— receive data input
Port C GPIO—This General Purpose I/O (GPIO) pin can be individually
programmed as input or output.
After reset, the default state is GPIO input.
Table 2-2 56F827 Signal and Package Information for the 128 Pin LQFP (Continued)
Signal Name
Pin No.
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com