Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4600ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD4600ACPZ-R7
Description  4.25 Gbps, 8 횞 8, Asynchronous Crosspoint Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4600ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  AD4600ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ADN4600
Rev. 0 | Page 3 of 3
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
VCC = 1.8 V, VEE = 0 V, VTTI = VTTO = VCC, RL = 50 Ω, differential output swing = 800 mV p-p differential, 4.25 Gbps, PRBS 27 − 1,
TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Maximum Data Rate per Channel
In NRZ format
4.25
Gbps
Deterministic Jitter
Data rate < 4.25 Gbps; BER = 1e − 12
30
ps p-p
Random Jitter
VCC = 1.8 V
1.5
ps rms
Residual Deterministic Jitter with
Receive Equalization
Data rate < 3.25 Gbps; 0 in. to 30 in. FR4
0.16
UI
Data rate < 4.25 Gbps; 0 in. to 30 in. FR4
0.20
UI
Residual Deterministic Jitter with
Transmit Pre-Emphasis
Data rate < 3.25 Gbps; 0 in. to 30 in. FR4
0.13
UI
Data rate < 4.25 Gbps; 0 in. to 30 in. FR4
0.18
UI
Output Rise/Fall Time
20% to 80%
75
ps
Channel-to-Channel Skew
50
ps
Propagation Delay
1
ns
OUTPUT PRE-EMPHASIS
Equalization Method
One-tap programmable pre-emphasis
Maximum Boost
800 mV p-p output swing
6
dB
200 mV p-p output swing
12
dB
Pre-Emphasis Tap Range
Minimum
2
mA
Maximum
12
mA
INPUT EQUALIZATION
Minimum Boost
EQBY = 1
1.5
dB
Maximum Boost
Maximum boost occurs @ 2.125 GHz
22
dB
Number of Equalization Steps
8
Steps
Gain Step Size
2.5
dB
INPUT CHARACTERISTICS
Input Voltage Swing
Differential, VICM1 = VCC − 0.6 V; VCC = 3.3 V
300
2000
mV p-p
Input Voltage Range
Single-ended absolute voltage level, VL minimum
VEE + 0.4
V p-p
Single-ended absolute voltage level, VH maximum
VCC + 0.5
V p-p
Input Resistance
Single-ended
45
50
55
Ω
Input Return Loss
Measured at 2.5 GHz
5
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
@ dc, differential, PE = 0, default, VCC = 1.8 V
635
740
870
mV p-p
@ dc, differential, PE = 0, default, VCC = 3.3 V
800
mV p-p
@ dc, differential, PE = 0, min output level2, VCC = 1.8 V
100
mV p-p
@ dc, differential, PE = 0, min output level2, VCC = 3.3 V
100
mV p-p
@ dc, differential, PE = 0, max output level2, VCC = 1.8 V
1300
mV p-p
@ dc, differential, PE = 0, max output level2, VCC = 3.3 V
1800
mV p-p
Output Voltage Range
Single-ended absolute voltage level,
TxHeadroom = 0; VL min
VCC − 1.1
V
Single-ended absolute voltage level,
TxHeadroom = 0; VH max
VCC + 0.6
V
Single-ended absolute voltage level,
TxHeadroom = 1; VL min
VCC − 1.2
V
Single-ended absolute voltage level,
TxHeadroom = 1; VH max
VCC + 0.6
V
Output Current
Minimum output current per channel
2
mA
Maximum output current per channel, VCC = 1.8 V
21
Output Resistance
Single ended
45
50
55
Ω
Output Return Loss
Measured at 2.5 GHz
5
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com