Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4600ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # AD4600ACPZ-R7
Description  4.25 Gbps, 8 횞 8, Asynchronous Crosspoint Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4600ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD4600ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
ADN4600
Rev. 0 | Page 19 of 19
High Current Setting and Output Level Shift
In low voltage applications, users must pay careful attention to
both the differential and common-mode signal levels (see Figure 30
and Table 13). Failure to understand the implications of signal
level and choice of ac or dc coupling will almost certainly lead
to transistor saturation and poor transmitter performance.
TxHeadroom
There is a TxHeadroom register (I2C Register Address 0x23)
that allows configuration of the individual transmitters for
extra headroom at the output for high current applications. The
bits in this register are active high (default). There is one bit for
each transmitter of the device (see Table 17). Setting this bit
high puts the respective transmitter in a configuration for extra
headroom, and setting this bit low does not provide extra
headroom.
VTTO
VH
VOCM
dVOCM
VOD
VL
VEE
VODPP = 2 × VOD
Figure 30. Simplified Output Voltage Levels Diagram
Signal Levels and Common-Mode Shift for DC- and AC-Coupled Outputs
Table 13. Signal Levels and Common-Mode Shift for DC- and AC-Coupled Outputs
Output Levels and Output Compliance
AC-Coupled Transmitter
DC-Coupled Transmitter
TxHeadroom = 0
TxHeadroom = 1
VOD
(mV)
ITOT
(mA)
VD
Peak
(mV)
PE
Boost
PE
(dB)
dVOCM
(mV)
VH
(V)
VL
(V)
VH
Peak
(V)
VL
Peak
(V)
dVOCM
(mV)
VH
(V)
VL
(V)
VH
Peak
(V)
VL
Peak
(V)
Min
VL
(V)
Max
VCC − VL
(V)
Min
VCC
(V)
Min
VL
(V)
Max
VCC − VL
(V)
Min
VCC (V)
VTTO and VCC = 3.3 V
200
8
200
1.00
0.00
200
3.2
3
3.2
3
100
3.3
3.1
3.3
3.1
2.225 1.1
1.8
2
1.2
2
200
12
300
1.50
3.52
300
3.1
2.9
3.15
2.85
150
3.25 3.05 3.3
3
2.225 1.1
1.8
2
1.2
2
200
16
400
2.00
6.02
400
3
2.8
3.1
2.7
200
3.2
3
3.3
2.9
2.225 1.1
1.8
2
1.2
2
200
20
500
2.50
7.96
500
2.9
2.7
3.05
2.55
250
3.15 2.95 3.3
2.8
2.225 1.1
1.8
2
1.2
2
200
24
600
3.00
9.54
600
2.8
2.6
3
2.4
300
3.1
2.9
3.3
2.7
2.225 1.1
1.8
2
1.2
2
200
28
700
3.50
10.88 700
2.7
2.5
2.95
2.25
350
3.05 2.85 3.3
2.6
2.225 1.1
1.9
2
1.2
2.2
200
32
800
4.00
12.04 800
2.6
2.4
2.9
2.1
400
3
2.8
3.3
2.5
2.225 1.1
1.9
2
1.2
2.2
300
12
300
1.00
0.00
300
3.15 2.85 3.15
2.85
150
3.3
3
3.3
3
2.225 1.1
1.8
2
1.2
2
300
16
400
1.33
2.50
400
3.05 2.75 3.1
2.7
200
3.25 2.95 3.3
2.9
2.225 1.1
1.8
2
1.2
2
300
20
500
1.67
4.44
500
2.95 2.65 3.05
2.55
250
3.2
2.9
3.3
2.8
2.225 1.1
1.8
2
1.2
2
300
24
600
2.00
6.02
600
2.85 2.55 3
2.4
300
3.15 2.85 3.3
2.7
2.225 1.1
1.8
2
1.2
2
300
28
700
2.33
7.36
700
2.75 2.45 2.95
2.25
350
3.1
2.8
3.3
2.6
2.225 1.1
1.8
2
1.2
2
300
32
800
2.67
8.52
800
2.65 2.35 2.9
2.1
400
3.05 2.75 3.3
2.5
2.225 1.1
1.9
2
1.2
2.2
300
36
900
3.00
9.54
900
2.55 2.25 2.85
1.95
450
3
2.7
3.3
2.4
2.225 1.1
1.9
2
1.2
2.2
400
16
400
1.00
0.00
400
3.1
2.7
3.1
2.7
200
3.3
2.9
3.3
2.9
2.225 1.1
1.8
2
1.2
2
400
20
500
1.25
1.94
500
3
2.6
3.05
2.55
250
3.25 2.85 3.3
2.8
2.225 1.1
1.8
2
1.2
2
400
24
600
1.50
3.52
600
2.9
2.5
3
2.4
300
3.2
2.8
3.3
2.7
2.225 1.1
1.8
2
1.2
2
400
28
700
1.75
4.86
700
2.8
2.4
2.95
2.25
350
3.15 2.75 3.3
2.6
2.225 1.1
1.8
2
1.2
2
400
32
800
2.00
6.02
800
2.7
2.3
2.9
2.1
400
3.1
2.7
3.3
2.5
2.225 1.1
1.8
2
1.2
2
400
36
900
2.25
7.04
900
2.6
2.2
2.85
1.95
450
3.05 2.65 3.3
2.4
2.225 1.1
1.9
2
1.2
2.2
400
40
1000 2.50
7.96
1000
2.5
2.1
2.8
1.8
500
3
2.6
3.3
2.3
2.225 1.1
1.9
2
1.2
2.2
600
24
600
1.00
0.00
600
3
2.4
3
2.4
300
3.3
2.7
3.3
2.7
2.1
1.1
1.9
2
1.2
2.2
600
28
700
1.17
1.34
700
2.9
2.3
2.95
2.25
350
3.25 2.65 3.3
2.6
2.225 1.1
1.9
2
1.2
2.2
600
32
800
1.33
2.50
800
2.8
2.2
2.9
2.1
400
3.2
2.6
3.3
2.5
2.225 1.1
1.9
2
1.2
2.2
600
36
900
1.50
3.52
900
2.7
2.1
2.85
1.95
450
3.15 2.55 3.3
2.4
2.225 1.1
1.9
2
1.2
2.2
600
40
1000 1.67
4.44
1000
2.6
2
2.8
1.8
500
3.1
2.5
3.3
2.3
2.225 1.1
1.9
2
1.2
2.2
600
44
1200 1.83
5.26
1100
2.5
1.9
2.75
1.65
550
3.05 2.45 3.3
2.2
2.1
1.1
1.9
2
1.2
2.2
600
48
1400 2.00
6.02
1200
2.4
1.8
2.7
1.5
600
3
2.4
3.3
2.1
2.1
1.1
1.9
2
1.2
2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com