Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4600ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # AD4600ACPZ-R7
Description  4.25 Gbps, 8 횞 8, Asynchronous Crosspoint Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4600ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD4600ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ADN4600
Rev. 0 | Page 16 of 16
TRANSMITTERS
Output Structure and Output Levels
The ADN4600 transmitter outputs incorporate 50 Ω termination
resistors, ESD protection, and output current switch. Each
channel provides independent control of both the absolute
output level and the pre-emphasis output level. It should be
noted that the choice of output level affects the output common-
mode level. A 600 mV p-p differential output level with full
pre-emphasis range requires an output termination voltage
of 2.5 V or greater; therefore, for the VTTO pin, VCC must be
equal to or greater than 2.5 V.
Pre-Emphasis
The total output amplitude and pre-emphasis setting space is
reduced to a single map of basic settings that provides seven
settings of output equalization to ease programming for typical
channels. The full resolution of seven settings is available through
the I2C interface by writing to Bits[2:0] (the TX PE[2:0] bits) of
the TX[7:0] configuration registers. Table 10 summarizes the
absolute output level, pre-emphasis level, and high frequency
boost for each of the control settings and the typical length of
FR4 trace compensated for by each setting.
Full control of the transmit output levels is available through the
I2C control interface. This full control is achieved by writing to
the TX[7:0] Output Level Control[1:0] registers for the channel
of interest. The supported output levels are shown in Table 12.
The TX[7:0] Output Level Control[1:0] registers must be
programmed to one of the supported settings listed in this table;
other settings are not supported.
The output equalization is optimized for less than 2.5 Gbps
operation, but can be optimized for higher speed applications
up to 4.25 Gbps through the I2C control interface by writing to
the TX DATA RATE bit (Bit 4) of the TX[7:0] configuration
register, with high representing 4.25 Gbps and low representing
2.5 Gbps. The TX[7:0] CTL SRC bit (Bit 7) in the TX[7:0]
Output Level Control 1 register determines whether the pre-
emphasis and output current controls for the channel of interest
are selected from the optimized map or directly from the
TX[7:0] Output Level Control[1:0] registers (per channel).
Setting this bit high selects pre-emphasis control directly from
the TX[7:0] Output Level Control[1:0] registers, and setting it
low selects pre-emphasis control from the optimized map.
VCC
VTTO
OPx
ONx
VEE
TX SIMPLIFIED DIAGRAM
Q1
Q2
IT
RN
52Ω
RP
52Ω
ON-CHIP
TERMINATION
V3
VC
V2
VP
V1
VN
IDC + TPE
ESD
Figure 29. Simplified Output Structure
Table 10. Transmit Pre-Emphasis Boost and Overshoot vs. Setting
TX PE
Boost (dB)
Overshoot
DC Swing (mV p-p Differential)
Typical FR4 Trace Length (Inches)
0
0
0%
800
0 to 5
1
2
25%
800
0 to 5
2
3.5
50%
800
10 to 15
3
4.9
75%
800
15 to 20
4
6
100%
800
25 to 30
5
7.4
133%
600
30 to 35
6
9.5
200%
400
35 to 40
Table 11. Transmitters Control Registers
Name
Addr
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Def.
TX[7:0]
Configuration
0xE0, 0xE8,
0xF0, 0xF8,
0xD8, 0xD0,
0xC8, 0xC0
TX EN
TX data
rate
TX PE[2]
TX PE[1]
TX PE[0]
0x20
TX[7:0] Output
Level Control 1
0xE1, 0xE9,
0xF1, 0xF9,
0xD9, 0xD1,
0xC9, 0xC1
TX[7:0]
CTL SRC
TX[7:0]_OLEV1[6:0]
0x40
TX[7:0] Output
Level Control 0
0xE2, 0xEA,
0xF2, 0xFA,
0xDA, 0xD2,
0xCA, 0xC2
TX[7:0]_OLEV0[6:0]
0x40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com