Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4600ACPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # AD4600ACPZ-R7
Description  4.25 Gbps, 8 횞 8, Asynchronous Crosspoint Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4600ACPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD4600ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 26Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 27Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
ADN4600
Rev. 0 | Page 27 of 27
Addr
(Hex)
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
0xD1
TX2 Output
Level Control 1
TX2 CTL
SRC
TX2_OLEV1[6:0]
0x40
0xD2
TX2 Output
Level Control 0
TX2_OLEV0[6:0]
0x40
0xD3
TX2 Squelch
Control
SQUELCHb[3:0]
DISABLEb[3:0]
0xFF
0xD9
TX3 Output
Level Control 1
TX3 CTL
SRC
TX3_OLEV1[6:0]
0x40
0xDA
TX3 Output
Level Control 0
TX3_OLEV0[6:0]
0x40
0xDB
TX3 Squelch
Control
SQUELCHb[3:0]
DISABLEb[3:0]
0xFF
0xE1
TX7 Output
Level Control 1
TX7 CTL
SRC
TX7_OLEV1[6:0]
0x40
0xE2
TX7 Output
Level Control 0
TX7_OLEV0[6:0]
0x40
0xE3
TX7 Squelch
Control
SQUELCHb[3:0]
DISABLEb[3:0]
0xFF
0xE9
TX6 Output
Level Control 1
TX6 CTL
SRC
TX6_OLEV1[6:0]
0x40
0xEA
TX6 Output
Level Control 0
TX6_OLEV0[6:0]
0x40
0xEB
TX6 Squelch
Control
SQUELCHb[3:0]
DISABLEb[3:0]
0xFF
0xF1
TX5 Output
Level Control 1
TX5 CTL
SRC
TX5_OLEV1[6:0]
0x40
0xF2
TX5 Output
Level Control 0
TX5_OLEV0[6:0]
0x40
0xF3
TX5 Squelch
Control
SQUELCHb[3:0]
DISABLEb[3:0]
0xFF
0xF9
TX4 Output
Level Control 1
TX4 CTL
SRC
TX4_OLEV1[6:0]
0x40
0xFA
TX4 Output
Level Control 0
TX4_OLEV0[6:0]
0x40
0xFB
TX4 Squelch
Control
SQUELCHb[3:0]
DISABLEb[3:0]
0xFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com