Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4600ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD4600ACPZ-R7
Description  4.25 Gbps, 8 횞 8, Asynchronous Crosspoint Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4600ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD4600ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ADN4600
Rev. 0 | Page 7 of 7
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
RESETB
VEE
IN0
IP0
VCC
IN1
IP1
VTTI
IN2
IP2
VEE
IN3
IP3
DVCC
VCC
VEE
SCL
SDA
VEE
IP7
IN7
VCC
IP6
IN6
VTTI
IP5
IN5
VEE
IP4
IN4
VCC
VEE
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
ADN4600
TOP VIEW
(Not to Scale)
NOTES
1. PAD ON BOTTOM OF PACKAGE MUST BE CONNECTED TO VEE.
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
1
RESETB
Control
Reset Input (Active Low)
2, 11, 16, 17, 27,
30, 32, 33, 37,
46, 53, 62, 64
VEE
Power
Negative Supply
3, 6, 9, 12, 35,
38, 41, 44
IN0 to IN7
I/O
High Speed Inputs
4, 7, 10, 13, 36,
39, 42, 45
IP0 to IP7
I/O
High Speed Input Complements
5, 15, 18, 21, 31,
34, 43, 59, 63
VCC
Power
Positive Supply
8, 40
VTTI
Power
Input Termination Supply
14
DVCC
Power
Digital Positive Supply (3.3 V)
19, 22, 25, 28,
51, 54, 57, 60
ON7 to ON0
I/O
High Speed Outputs
20, 23, 26, 29,
52, 55, 58, 61
OP7 to ON0
I/O
High Speed Output Complements
24, 56
VTTO
Power
Output Termination Supply
47
SDA
Control
I2C Control Interface Data Input/Output
48
SCL
Control
I2C Control Interface Clock Input
49
ADDR0
Control
I2C Control Interface Address LSB
50
ADDR1
Control
I2C Control Interface Address MSB
EPAD
Power
Connect to VEE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com