Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4600ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD4600ACPZ-R7
Description  4.25 Gbps, 8 횞 8, Asynchronous Crosspoint Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4600ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  AD4600ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADN4600
Rev. 0 | Page 4 of 4
Parameter
Conditions
Min
Typ
Max
Unit
POWER SUPPLY
Operating Range
VCC
VEE = 0 V
1.7
1.8
3.6
V
DVCC
VEE = 0 V, DVCC ≤ (VCC + 1.3 V)
3.0
3.3
3.6
V
VTTI
(VEE + 0.4 V + 0.5 × VID) < VTTI < (VCC + 0.5 V)
VEE +
0.4
1.8
3.6
V
VTTO
(VCC − 1.1 V + 0.5 × VOD) < VTTO < (VCC + 0.5 V)
VCC −
1.1
1.8
3.6
V
Supply Current3
ITTO
All outputs enabled
63
69
mA
ICC
All outputs enabled
460
565
mA
IEE
All outputs enabled
586
mA
ITTO
Single channel enabled
16
18
mA
ICC
Single channel enabled
173
214
mA
IEE
Single channel enabled
205
mA
LOGIC CHARACTERISTICS
Input High (VIH)
DVCC = 3.3 V
2.5
V
Input Low (VIL)
1.0
V
Output High (VOH)
2.5
V
Output Low (VOL)
1.0
V
THERMAL CHARACTERISTICS
Operating Temperature Range
−40
+85
°C
θJA
22
°C/W
1 VICM is the input common-mode voltage.
2 Programmable via I2C.
3 Assumes dc-coupled outputs. For ac-coupled outputs, ITTO currents will double.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com