Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4600ACPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # AD4600ACPZ-R7
Description  4.25 Gbps, 8 횞 8, Asynchronous Crosspoint Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4600ACPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD4600ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ADN4600
Rev. 0 | Page 21 of 21
Selective Squelch and Disable
Each transmitter is equipped with disable and squelch controls.
Disable is a full power-down state: all transmitter current,
including output current, is reduced to 0 mA and the output
pins are pulled up to VTTO, but there is a delay of
approximately 1 μs associated with re-enabling the transmitter.
The output disable control is accessed through the TX EN bit
(Bit 5) of the TX[7:0] configuration registers through the I2C
control interface.
Squelch simply reduces the output current to submicroamp
levels, allowing both output pins to pull up to VTTO through
the output termination resistors. The transmitter recovers from
squelch in less than 100 ns.
The output squelch and the output disable control can both be
accessed through the TX[7:0] squelch control registers, with the
top nibble representing the squelch control and the bottom nibble
representing the output disable for one channel. The channels
are disabled or squelched by writing 0s to the corresponding
nibbles. The channels are enabled by writing all 1s, which is the
default setting. For example, to squelch channel TX0, Register
0xC3 must be set to 0x0F. The entire nibble must be written to
all 0s for this functionality.
Table 15. Transmitters Squelch Control Registers
Name
Addr
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
TX[7:0] Squelch Control
0xE3, 0xEB,
0xF3, 0xFB,
0xDB, 0xD3,
0xCB, 0xC3
SQUELCHb[3:0]
DISABLEb[3:0]
0xFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com