Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4600ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # AD4600ACPZ-R7
Description  4.25 Gbps, 8 횞 8, Asynchronous Crosspoint Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4600ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD4600ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ADN4600
Rev. 0 | Page 20 of 20
Output Levels and Output Compliance
AC-Coupled Transmitter
DC-Coupled Transmitter
TxHeadroom = 0
TxHeadroom = 1
VOD
(mV)
ITOT
(mA)
VD
Peak
(mV)
PE
Boost
PE
(dB)
dVOCM
(mV)
VH
(V)
VL
(V)
VH
Peak
(V)
VL
Peak
(V)
dVOCM
(mV)
VH
(V)
VL
(V)
VH
Peak
(V)
VL
Peak
(V)
Min
VL
(V)
Max
VCC − VL
(V)
Min
VCC
(V)
Min
VL
(V)
Max
VCC − VL
(V)
Min
VCC (V)
VTTO and VCC = 1.8 V1
200
8
200
1.00
0.00
200
1.7
1.5
1.7
1.5
100
1.8
1.6
1.8
1.6
0.725 1.1
1.8
0.5
NA
NA
200
12
300
1.50
3.52
300
1.6
1.4
1.65
1.35
150
1.75 1.55 1.8
1.5
0.725 1.1
1.8
0.5
NA
NA
200
16
400
2.00
6.02
400
1.5
1.3
1.6
1.2
200
1.7
1.5
1.8
1.4
0.725 1.1
1.8
0.5
NA
NA
200
20
500
2.50
7.96
500
1.4
1.2
1.55
1.05
250
1.65 1.45 1.8
1.3
0.725 1.1
1.8
0.5
NA
NA
200
24
600
3.00
9.54
600
1.3
1.1
1.5
0.9
300
1.6
1.4
1.8
1.2
0.725 1.1
1.8
0.5
NA
NA
300
12
300
1.00
0.00
300
1.65 1.35 1.65
1.35
150
1.8
1.5
1.8
1.5
0.725 1.1
1.8
0.5
NA
NA
300
16
400
1.33
2.50
400
1.55 1.25 1.6
1.2
200
1.75 1.45 1.8
1.4
0.725 1.1
1.8
0.5
NA
NA
300
20
500
1.67
4.44
500
1.45 1.15 1.55
1.05
250
1.7
1.4
1.8
1.3
0.725 1.1
1.8
0.5
NA
NA
300
24
600
2.00
6.02
600
1.35 1.05 1.5
0.9
300
1.65 1.35 1.8
1.2
0.725 1.1
1.8
0.5
NA
NA
300
28
700
2.33
7.36
700
1.25 0.95 1.45
0.75
350
1.6
1.3
1.8
1.1
0.725 1.1
1.8
0.5
NA
NA
400
16
400
1.00
0.00
400
1.6
1.2
1.6
1.2
200
1.8
1.4
1.8
1.4
0.725 1.1
1.8
0.5
NA
NA
400
20
500
1.25
1.94
500
1.5
1.1
1.55
1.05
250
1.75 1.35 1.8
1.3
0.725 1.1
1.8
0.5
NA
NA
400
24
600
1.50
3.52
600
1.4
1
1.5
0.9
300
1.7
1.3
1.8
1.2
0.725 1.1
1.8
0.5
NA
NA
400
28
700
1.75
4.86
700
1.3
0.9
1.45
0.75
350
1.65 1.25 1.8
1.1
0.725 1.1
1.8
0.5
NA
NA
400
32
800
2.00
6.02
800
1.2
0.8
1.4
0.6
400
1.6
1.2
1.8
1
0.725 1.1
1.8
0.5
NA
NA
600
24
600
1.00
0.00
600
1.5
0.9
1.5
0.9
300
1.8
1.2
1.8
1.2
0.6
1.1
1.9
0.5
NA
NA
1
TxHeadroom = 1 is not an option at VTTO and VCC = 1.8 V.
Table 14. Symbol Definitions for Output Levels vs. Setting
Symbol
Formula
Definition
VOD
25 Ω × IDC
Peak differential output voltage
VODPP
25 Ω × IDC × 2 = 2 × VOD
Peak-to-peak differential output voltage
dVOCM_DC-COUPLED
25 Ω × ITX/2 = VODPP/4 + (IPE/2 × 25)
Output common-mode shift
dVOCM_AC-COUPLED
50 Ω × ITX/2 = VODPP/2 + (IPE/2 × 50)
Output common-mode shift
IDC
VOD/RTERM
Output current that sets output level
IPE
Output current used for PE
ITX
IDC + IPE
Total transmitter output current
VH
VTTO − dVOCM + VOD/2
Maximum single-ended output voltage
VL
VTTO − dVOCM − VOD/2
Minimum single-ended output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com