Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4600ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD4600ACPZ-R7
Description  4.25 Gbps, 8 횞 8, Asynchronous Crosspoint Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4600ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD4600ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
4.25 Gbps, 8 × 8,
Asynchronous Crosspoint Switch
ADN4600
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Full 8 × 8 crossbar connectivity
Fully buffered signal path supports multicast and broadcast
operation
Optimized for dc to 4.25 Gbps data
Programmable receive equalization
Compensates for up to 30 in. of FR4 @ 4.25 Gbps
Programmable transmit pre-emphasis/de-emphasis
Compensates for up to 30 in. of FR4 @ 4.25 Gbps
Flexible 1.8 V to 3.3 V core supply
Per lane positive/negative (P/N) pair inversion for routing ease
Low power: 125 mW/channel at 4.25 Gbps
DC- or ac-coupled differential CML inputs
Programmable CML output levels
50 Ω on-chip termination
−40°C to +85°C temperature range operation
Supports 8b10b, scrambled or uncoded nonreturn-to-zero
(NRZ) data
I2C control interface
Package: 64-lead LFCSP
APPLICATIONS
1×, 2×, 4× FibreChannel
XAUI
Gigabit Ethernet over backplane
10GBase-CX4
InfiniBand®
50 Ω cables
FUNCTIONAL BLOCK DIAGRAM
RECEIVE
EQUALIZATION
CROSSPOINT
ARRAY
TRANSMIT
PRE-EMPHASIS
CONTROL LOGIC
ADN4600
IP[7:0]
IN[7:0]
ADDR[1:0]
SCL
SDA
RESETB
OP[7:0]
ON[7:0]
EQ
PE
Figure 1.
GENERAL DESCRIPTION
The ADN4600 is an asynchronous, nonblocking crosspoint
switch with eight differential PECL-/CML-compatible inputs
with programmable equalization and eight differential CML
outputs with programmable output levels and pre-emphasis or
de-emphasis. The operation of this device is optimized for NRZ
data at rates up to 4.25 Gbps.
The receive inputs provide programmable equalization with
nine settings to compensate for up to 30 in. of FR4 and
programmable pre-emphasis with seven settings to compensate
for up to 30 in. of FR4 at 4.25 Gbps.
The ADN4600 nonblocking switch core implements an 8 × 8
crossbar and supports independent channel switching through the
I2C control interface. Every channel implements an asynchronous
path supporting NRZ data rates from dc to 4.25 Gbps. Each
channel is fully independent of other channels. The ADN4600
has low latency and very low channel-to-channel skew.
The main application for the ADN4600 is to support switching
on the backplane, line card, or cable interface sides of serial links.
The ADN4600 is packaged in a 9 mm × 9 mm, 64-lead LFCSP
package and operates from −40°C to +85°C.


Similar Part No. - AD4600ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 51P
16-Bit, 2 MSPS/500 kSPS, Dual Channel SAR ADCs
Rev. A
AD4630-16BBCZ AD-AD4630-16BBCZ Datasheet
1Mb / 49P
16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
AD4630-16BBCZ AD-AD4630-16BBCZ Datasheet
1Mb / 51P
16-Bit, 2 MSPS/500 kSPS, Dual Channel SAR ADCs
Rev. A
AD4630-16BBCZ-RL AD-AD4630-16BBCZ-RL Datasheet
1Mb / 49P
16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
More results

Similar Description - AD4600ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC018 NSC-CLC018 Datasheet
217Kb / 18P
8 x 8 Digital Crosspoint Switch, 1.4 Gbps
logo
Vitesse Semiconductor C...
VSC3040 VITESSE-VSC3040 Datasheet
561Kb / 2P
11 Gbps 144 횞 144 Asynchronous Crosspoint Switch
VSC3144 VITESSE-VSC3144 Datasheet
466Kb / 2P
6.5 Gbps 144 횞 144 Asynchronous Crosspoint Switch
VSC3172 VITESSE-VSC3172 Datasheet
463Kb / 2P
6.5 Gbps 72 횞 72 Asynchronous Crosspoint Switch
VSC3304 VITESSE-VSC3304 Datasheet
763Kb / 2P
8.5 Gbps 4 횞 4 Crosspoint Switch
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
8 x 8 Digital Crosspoint Switch, 1.485 Gbps
logo
Analog Devices
ADN4604 AD-ADN4604 Datasheet
1Mb / 40P
4.25 Gbps, 16 횞 16, Digital Crosspoint Switch
REV. 0
logo
Vitesse Semiconductor C...
VSC3303XHV VITESSE-VSC3303XHV Datasheet
754Kb / 2P
8.5 Gbps 4 횞 4 Crosspoint Switch
logo
M/A-COM Technology Solu...
211X1-DSH-001-I MA-COM-211X1-DSH-001-I Datasheet
793Kb / 65P
72x72/144x144 3.2 Gbps Asynchronous Crosspoint Switch
logo
Vitesse Semiconductor C...
VSC3308 VITESSE-VSC3308 Datasheet
906Kb / 2P
11.5 Gbps 8 x 8 Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com