Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51RC2-3CSIM Datasheet(PDF) 78 Page - ATMEL Corporation

Part # AT89C51RC2-3CSIM
Description  Microcontroller with 16K/32K Bytes Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RC2-3CSIM Datasheet(HTML) 78 Page - ATMEL Corporation

Back Button AT89C51RC2-3CSIM Datasheet HTML 74Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 75Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 76Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 77Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 78Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 79Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 80Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 81Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 82Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 127 page
background image
78
AT89C51RB2/RC2
4180C–8051–12/03
Table 60. WDTPRG Register
WDTPRG - Watchdog Timer Out Register (0A7h)
Reset Value = XXXX X000
WDT During Power-down
and Idle
In Power-down mode the oscillator stops, which means the WDT also stops. While in
Power-down mode the user does not need to service the WDT. There are two methods
of exiting Power-down mode: by a hardware reset or via a level activated external inter-
rupt which is enabled prior to entering Power-down mode. When Power-down is exited
with hardware reset, servicing the WDT should occur as it normally should whenever the
AT89C51RB2/RC2 is reset. Exiting Power-down with an interrupt is significantly differ-
ent. The interrupt is held low long enough for the oscillator to stabilize. When the
interrupt is brought high, the interrupt is serviced. To prevent the WDT from resetting the
device while the interrupt pin is held low, the WDT is not started until the interrupt is
pulled high. It is suggested that the WDT be reset during the interrupt service routine.
To ensure that the WDT does not overflow within a few states of exiting of power-down,
it is better to reset the WDT just before entering power-down.
In the Idle mode, the oscillator continues to run. To prevent the WDT from resetting the
AT89C51RB2/RC2 while in Idle mode, the user should always set up a timer that will
periodically exit Idle, service the WDT, and re-enter Idle mode.
76
54
32
1
0
-
-
-
-
-
S2
S1
S0
Bit
Number
Bit
Mnemonic Description
7-
Reserved
The value read from this bit is undetermined. Do not try to set this bit.
6-
5-
4-
3-
2S2
WDT Time-out Select Bit 2
1S1
WDT Time-out Select Bit 1
0S0
WDT Time-out Select Bit 0
S2
S1
S0Selected Time-out
00
0(214 - 1) machine cycles, 16. 3 ms @ F
OSCA = 12 MHz
00
1(215 - 1) machine cycles, 32.7 ms @ FOSCA = 12 MHz
01
0 (2
16 - 1) machine cycles, 65. 5 ms @ F
OSCA = 12 MHz
01
1(217 - 1) machine cycles, 131 ms @ F
OSCA = 12 MHz
10
0(218 - 1) machine cycles, 262 ms @ FOSCA = 12 MHz
10
1 (2
19 - 1) machine cycles, 542 ms @ F
OSCA = 12 MHz
11
0(220 - 1) machine cycles, 1.05 s @ F
OSCA = 12 MHz
11
1 (221 - 1) machine cycles, 2.09 s @ FOSCA = 12 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com