Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51RC2-3CSIM Datasheet(PDF) 31 Page - ATMEL Corporation

Part # AT89C51RC2-3CSIM
Description  Microcontroller with 16K/32K Bytes Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RC2-3CSIM Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button AT89C51RC2-3CSIM Datasheet HTML 27Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 28Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 29Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 30Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 31Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 32Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 33Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 34Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 127 page
background image
31
AT89C51RB2/RC2
4180C–8051–12/03
Programmable
Counter Array (PCA)
The PCA provides more timing capabilities with less CPU intervention than the standard
timer/counters. Its advantages include reduced software overhead and improved accu-
racy. The PCA consists of a dedicated timer/counter which serves as the time base for
an array of five compare/capture Modules. Its clock input can be programmed to count
any one of the following signals:
•
Peripheral clock frequency (F
CLK PERIPH) ÷ 6
•
Peripheral clock frequency (FCLK PERIPH)
÷ 2
•
Timer 0 overflow
•
External input on ECI (P1.2)
Each compare/capture Modules can be programmed in any one of the following modes:
•
Rising and/or falling edge capture
•
Software timer
•
High-speed output
•
Pulse width modulator
Module 4 can also be programmed as a watchdog timer (see Section "PCA Watchdog
Timer", page 42).
When the compare/capture Modules are programmed in the capture mode, software
timer, or high speed output mode, an interrupt can be generated when the Module exe-
cutes its function. All five Modules plus the PCA timer overflow share one interrupt
vector.
The PCA timer/counter and compare/capture modules share Port 1 for external I/O.
These pins are listed below. If one or several bits in the port are not used for the PCA,
they can still be used for standard I/O.
The PCA timer is a common time base for all five Modules (see Figure 11). The timer
count source is determined from the CPS1 and CPS0 bits in the CMOD register
(Table 22) and can be programmed to run at:
•
1/6 the
peripheral clock frequency (F
CLK PERIPH)
•
1/2 the
peripheral clock frequency (FCLK PERIPH)
•
The Timer 0 overflow
•
The input on the ECI pin (P1.2)
PCA Component
External I/O Pin
16-bit Counter
P1.2/ECI
16-bit Module 0
P1.3/CEX0
16-bit Module 1
P1.4/CEX1
16-bit Module 2
P1.5/CEX2
16-bit Module 3
P1.6/CEX3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com