Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51RC2-3CSIM Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT89C51RC2-3CSIM
Description  Microcontroller with 16K/32K Bytes Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RC2-3CSIM Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT89C51RC2-3CSIM Datasheet HTML 6Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 7Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 8Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 9Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 10Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 11Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 12Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 13Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 127 page
background image
10
AT89C51RB2/RC2
4180C–8051–12/03
Table 12. Pin Description for 40 - 44 Pin Packages
Mnemonic
Pin Number
Type
Name and Function
DIL
LCC
VQFP44 1.4
VSS
20
22
16
I
Ground: 0V reference
VCC
40
44
38
I
Power Supply: This is the power supply voltage for normal, idle and power-down
operation
P0.0 - P0.7
39 - 32
43 - 36
37 - 30
I/O
Port 0: Port 0 is an open-drain, bi-directional I/O port. Port 0 pins that have 1s
written to them float and can be used as high impedance inputs. Port 0 must be
polarized to VCC or VSS in order to prevent any parasitic current consumption. Port 0
is also the multiplexed low-order address and data bus during access to external
program and data memory. In this application, it uses strong internal pull-up when
emitting 1s. Port 0 also inputs the code Bytes during Flash programming. External
pull-ups are required during program verification during which P0 outputs the code
Bytes.
P1.0 - P1.7
1 - 8
2 - 9
40 - 44
1 - 3
I/O
Port 1: Port 1 is an 8-bit bi-directional I/O port with internal pull-ups. Port 1 pins that
have 1s written to them are pulled high by the internal pull-ups and can be used as
inputs. As inputs, Port 1 pins that are externally pulled low will source current
because of the internal pull-ups. Port 1 also receives the low-order address Byte
during memory programming and verification.
Alternate functions for AT89C51RB2/RC2 Port 1 include:
1
2
40
I/O
P1.0: Input/Output
I/O
T2 (P1.0): Timer/Counter 2 external count input/Clockout
2
3
41
I/O
P1.1: Input/Output
I
T2EX: Timer/Counter 2 Reload/Capture/Direction Control
I
SS: SPI Slave Select
3
4
42
I/O
P1.2: Input/Output
I
ECI: External Clock for the PCA
4
5
43
I/O
P1.3: Input/Output
I/O
CEX0: Capture/Compare External I/O for PCA Module 0
5
6
44
I/O
P1.4: Input/Output
I/O
CEX1: Capture/Compare External I/O for PCA Module 1
6
7
1
I/O
P1.5: Input/Output
I/O
CEX2: Capture/Compare External I/O for PCA Module 2
I/O
MISO: SPI Master Input Slave Output line
When SPI is in master mode, MISO receives data from the slave peripheral. When
SPI is in slave mode, MISO outputs data to the master controller.
7
8
2
I/O
P1.6: Input/Output
I/O
CEX3: Capture/Compare External I/O for PCA Module 3
I/O
SCK: SPI Serial Clock
SCK outputs clock to the slave peripheral
8
9
3
I/O
P1.7: Input/Output:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com