Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51RC2-3CSIM Datasheet(PDF) 79 Page - ATMEL Corporation

Part # AT89C51RC2-3CSIM
Description  Microcontroller with 16K/32K Bytes Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RC2-3CSIM Datasheet(HTML) 79 Page - ATMEL Corporation

Back Button AT89C51RC2-3CSIM Datasheet HTML 75Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 76Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 77Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 78Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 79Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 80Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 81Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 82Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 127 page
background image
79
AT89C51RB2/RC2
4180C–8051–12/03
ONCE™ Mode (ON
Chip Emulation)
The ONCE mode facilitates testing and debugging of systems using AT89C51RB2/RC2
without removing the circuit from the board. The ONCE mode is invoked by driving cer-
tain pins of the AT89C51RB2/RC2; the following sequence must be exercised:
•
Pull ALE low while the device is in reset (RST high) and PSEN is high.
•
Hold ALE low as RST is deactivated.
While the AT89C51RB2/RC2 is in ONCE mode, an emulator or test CPU can be used to
drive the circuit. Table 61 shows the status of the port pins during ONCE mode.
Normal operation is restored when normal reset is applied.
Table 61. External Pin Status during ONCE Mode
ALE
PSEN
Port 0
Port 1
Port 2
Port 3
XTAL1/2
Weak pull-up
Weak pull-up
Float
Weak pull-up
Weak pull-up
Weak pull-up
Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com