Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51RC2-3CSIM Datasheet(PDF) 37 Page - ATMEL Corporation

Part # AT89C51RC2-3CSIM
Description  Microcontroller with 16K/32K Bytes Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RC2-3CSIM Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button AT89C51RC2-3CSIM Datasheet HTML 33Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 34Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 35Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 36Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 37Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 38Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 39Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 40Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 127 page
background image
37
AT89C51RB2/RC2
4180C–8051–12/03
Table 25. PCA Module Modes (CCAPMn Registers)
There are two additional registers associated with each of the PCA Modules. They are
CCAPnH and CCAPnL and these are the registers that store the 16-bit count when a
capture occurs or a compare should occur. When a Module is used in the PWM mode
these registers are used to control the duty cycle of the output (see Table 26 and
Table 27).
Table 26. CCAPnH Registers (n = 0-4)
CCAP0H – PCA Module 0 Compare/Capture Control Register High (0FAh)
CCAP1H – PCA Module 1 Compare/Capture Control Register High (0FBh)
CCAP2H – PCA Module 2 Compare/Capture Control Register High (0FCh)
CCAP3H – PCA Module 3 Compare/Capture Control Register High (0FDh)
CCAP4H – PCA Module 4 Compare/Capture Control Register High (0FEh)
Reset Value = 0000 0000b
Not bit addressable
ECOMn
CAPPn
CAPNn
MATn
TOGn
PWMm
ECCFn
Module Function
0000000
No Operation
X
10000
X
16-bit capture by a positive-edge
trigger on CEXn
X
01000
X
16-bit capture by a negative trigger
on CEXn
X
11000
X
16-bit capture by a transition on
CEXn
100100
X
16-bit Software Timer/Compare
mode.
100110
X
16-bit High-speed Output
1000010
8-bit PWM
1001
X
0
X
Watchdog Timer (Module 4 only)
76
54
32
1
0
--
---
--
-
Bit
Number
Bit
Mnemonic
Description
7 - 0
-
PCA Module n Compare/Capture Control
CCAPnH Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com