Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51RC2-3CSIM Datasheet(PDF) 57 Page - ATMEL Corporation

Part # AT89C51RC2-3CSIM
Description  Microcontroller with 16K/32K Bytes Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RC2-3CSIM Datasheet(HTML) 57 Page - ATMEL Corporation

Back Button AT89C51RC2-3CSIM Datasheet HTML 53Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 54Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 55Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 56Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 57Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 58Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 59Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 60Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 61Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 127 page
background image
57
AT89C51RB2/RC2
4180C–8051–12/03
Table 44. IENO Register
IEN0 - Interrupt Enable Register (A8h)
Reset Value = 0000 0000b
Bit addressable
76
54
32
1
0
EA
EC
ET2
ES
ET1
EX1
ET0
EX0
Bit
Number
Bit
Mnemonic
Description
7EA
Enable All Interrupt Bit
Cleared to disable all interrupts.
Set to enable all interrupts.
6EC
PCA Interrupt Enable Bit
Cleared to disable.
Set to enable.
5ET2
Timer 2 Overflow Interrupt Enable Bit
Cleared to disable timer 2 overflow interrupt.
Set to enable timer 2 overflow interrupt.
4ES
Serial Port Enable Bit
Cleared to disable serial port interrupt.
Set to enable serial port interrupt.
3ET1
Timer 1 Overflow Interrupt Enable Bit
Cleared to disable timer 1 overflow interrupt.
Set to enable timer 1 overflow interrupt.
2
EX1
External Interrupt 1 Enable Bit
Cleared to disable external interrupt 1.
Set to enable external interrupt 1.
1ET0
Timer 0 Overflow Interrupt Enable Bit
Cleared to disable timer 0 overflow interrupt.
Set to enable timer 0 overflow interrupt.
0
EX0
External Interrupt 0 Enable Bit
Cleared to disable external interrupt 0.
Set to enable external interrupt 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com