Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51RC2-3CSIM Datasheet(PDF) 96 Page - ATMEL Corporation

Part # AT89C51RC2-3CSIM
Description  Microcontroller with 16K/32K Bytes Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RC2-3CSIM Datasheet(HTML) 96 Page - ATMEL Corporation

Back Button AT89C51RC2-3CSIM Datasheet HTML 92Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 93Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 94Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 95Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 96Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 97Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 98Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 99Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 100Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 127 page
background image
96
AT89C51RB2/RC2
4180C–8051–12/03
Functional Description
Software Security Bits (SSB)
The SSB protects any Flash access from ISP command.
The command "Program Software Security bit" can only write a higher priority level.
There are three levels of security:
•
level 0: NO_SECURITY (FFh)
This is the default level.
From level 0, one can write level 1 or level 2.
•
level 1: WRITE_SECURITY (FEh )
For this level it is impossible to write in the Flash memory, BSB and SBV.
The Bootloader returns ’P’ on write access.
From level 1, one can write only level 2.
•
level 2: RD_WR_SECURITY (FCh
The level 2 forbids all read and write accesses to/from the Flash/EEPROM memory.
The Bootloader returns ’L’ on read or write access.
Only a full chip erase in parallel mode (using a programmer) or ISP command can reset
the software security bits.
From level 2, one cannot read and write anything.
Table 71. Software Security Byte Behavior
Level 0
Level 1
Level 2
Flash/EEPROM
Any access allowed
Read only access allowed
Any access not allowed
Fuse Bit
Any access allowed
Read only access allowed
Any access not allowed
BSB & SBV
Any access allowed
Read only access allowed
Any access not allowed
SSB
Any access allowed
Write level 2 allowed
Read only access allowed
Manufacturer
Info
Read only access allowed
Read only access allowed
Read only access allowed
Bootloader Info
Read only access allowed
Read only access allowed
Read only access allowed
Erase Block
Allowed
Not allowed
Not allowed
Full-chip Erase
Allowed
Allowed
Allowed
Blank Check
Allowed
Allowed
Allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com