Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51RC2-3CSIM Datasheet(PDF) 98 Page - ATMEL Corporation

Part # AT89C51RC2-3CSIM
Description  Microcontroller with 16K/32K Bytes Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RC2-3CSIM Datasheet(HTML) 98 Page - ATMEL Corporation

Back Button AT89C51RC2-3CSIM Datasheet HTML 94Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 95Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 96Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 97Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 98Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 99Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 100Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 101Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 102Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 127 page
background image
98
AT89C51RB2/RC2
4180C–8051–12/03
Autobaud Performances
The ISP feature allows a wide range of baud rates in the user application. It is also
adaptable to a wide range of oscillator frequencies. This is accomplished by measuring
the bit-time of a single bit in a received character. This information is then used to pro-
gram the baud rate in terms of timer counts based on the oscillator frequency. The ISP
f eature requi res that an i n i ti a l c harac te r (an upperc a s e U) be sent t o t h e
AT89C51RB2/RC2 to establish the baud rate. Table 72 shows the autobaud capability.
Command Data Stream
Protocol
All commands are sent using the same flow. Each frame sent by the host is echoed by
the bootloader.
Table 72. Autobaud Performances
Frequency (MHz)
Baudrate (bit/s)
1.8432
2
2.4576
3
3.6864
4
5
6
7.3728
8
2400
OK
OK
OK
OK
OK
OK
OK
OK
OK
OK
4800
OK
-
OKOKOKOKOKOK
OKOK
9600
OK
-
OKOKOKOKOKOK
OKOK
19200
OK
-
OK
OK
OK
-
-
OK
OK
OK
38400
-
-
OK
OK
-
OK
OK
OK
57600
----
OK
---
OK
115200
----
----
OK
Frequency (MHz)
Baudrate (bit/s)
10
11.0592
12
14.318
14.746
16
20
24
26.6
2400
OK
OK
OK
OK
OK
OK
OK
OK
OK
4800
OK
OK
OK
OK
OK
OK
OK
OK
OK
9600
OK
OK
OK
OK
OK
OK
OK
OK
OK
19200
OK
OKOKOKOKOKOKOK
OK
38400
-
OK
OK
OK
OK
OK
OK
OK
OK
57600
-
OK
-
OKOKOKOKOK
OK
115200
-
OK
-
OK
OK
----



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com