Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51RC2-3CSIM Datasheet(PDF) 90 Page - ATMEL Corporation

Part # AT89C51RC2-3CSIM
Description  Microcontroller with 16K/32K Bytes Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RC2-3CSIM Datasheet(HTML) 90 Page - ATMEL Corporation

Back Button AT89C51RC2-3CSIM Datasheet HTML 86Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 87Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 88Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 89Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 90Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 91Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 92Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 93Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 94Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 127 page
background image
90
AT89C51RB2/RC2
4180C–8051–12/03
Table 69. Program Lock Bits of the SSB
Note:
U: unprogrammed or "one" level.
P: programmed or "zero" level.
X: don’t care
WARNING: Security level 2 and 3 should only be programmed after Flash and code
verification.
Flash Memory Status
AT89C51RB2/RC2 parts are delivered in standard with the ISP boot in the Flash mem-
ory. After ISP or parallel programming, the possible contents of the Flash memory are
summarized on Figure 35.
Figure 35. Flash Memory Possible Contents
Memory Organization
In the AT89C51RB2/RC2, the lowest 16K or 32K of the 64 KB program memory address
space is filled by internal Flash.
When the EA pin is high, the processor fetches instructions from internal program Flash.
Bus expansion for accessing program memory from 16K or 32K upward automatic since
external instruction fetches occur automatically when the program counter exceeds
3FFFh (16K) or 7FFFh (32K). If the EA pin is tied low, all program memory fetches are
from external memory.
Program Lock Bits
Protection Description
Security
level
LB0
LB1
1
U
U
No program lock features enabled.
2
P
U
ISP programming of the Flash is disabled.
3
X
P
Same as 2, also verify through ISP programming interface is disabled.
0000h
Virgin
3FFFh
Default
After ISP
After Parallel
Programming
After Parallel
Programming
Application
Application
Virgin
After ISP
or
Dedicated
ISP
Dedicated
ISP
7FFFh T89C51RC2 32KB
T89C51RB2 16KB
Application
Virgin
or
Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com