Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7166 Datasheet(PDF) 101 Page - Analog Devices

Part # ADE7166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7166 Datasheet(HTML) 101 Page - Analog Devices

Back Button ADE7166 Datasheet HTML 97Page - Analog Devices ADE7166 Datasheet HTML 98Page - Analog Devices ADE7166 Datasheet HTML 99Page - Analog Devices ADE7166 Datasheet HTML 100Page - Analog Devices ADE7166 Datasheet HTML 101Page - Analog Devices ADE7166 Datasheet HTML 102Page - Analog Devices ADE7166 Datasheet HTML 103Page - Analog Devices ADE7166 Datasheet HTML 104Page - Analog Devices ADE7166 Datasheet HTML 105Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 101 of 148
; turn all segments on FP25 ON and FP26 OFF
ORL
LCDCONY,#01h
; start data memory refresh
MOV
LCDDAT, #F0H
MOV
LCDPTR, #80h OR 0DH
ANL
LCDCONY,#0FEh
; end of data memory refresh
ORL
LCDCON,#080h ; enable LCD
To setup the same 3.3V LCD for use with an external resistor
ladder:
; setup LCD pins to have LCD functionality
MOV
LCDSEGE, # 00111100b
MOV
LCDSEGE2, #00001111b
; setup LCDCON for fLCDCLK=2048Hz, 1/3 bias and 4x multiplexing
MOV
LCDCON, #00000111b
; setup LCDCONX for external resistor ladder
MOV
LCDCONX, #01000000b
; set up refresh rate for 64Hz with fLCDCLK=2048Hz, from
Table 79
MOV
LCDCLK, #00000011b
; set up LCD data registers with data to be displayed using
; LCDPTR and LCDDATA registers
; turn all segments on FP25 ON and FP26 OFF
ORL
LCDCONY,#01h
; start data memory refresh
MOV
LCDDAT, #F0H
MOV
LCDPTR, #80h OR 0DH
ANL
LCDCONY,#0FEh
; end of data memory refresh
ORL
LCDCON,#080h ; enable LCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com