Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7166 Datasheet(PDF) 105 Page - Analog Devices

Part # ADE7166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7166 Datasheet(HTML) 105 Page - Analog Devices

Back Button ADE7166 Datasheet HTML 101Page - Analog Devices ADE7166 Datasheet HTML 102Page - Analog Devices ADE7166 Datasheet HTML 103Page - Analog Devices ADE7166 Datasheet HTML 104Page - Analog Devices ADE7166 Datasheet HTML 105Page - Analog Devices ADE7166 Datasheet HTML 106Page - Analog Devices ADE7166 Datasheet HTML 107Page - Analog Devices ADE7166 Datasheet HTML 108Page - Analog Devices ADE7166 Datasheet HTML 109Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 105 of 148
Location
Mnemonic
Value
7-0
PROTB0
0xFF
This SFR is used to write the write/erase protection bits for pages 0 to 7 of
the Flash memory – see Protecting the Flash. Clearing the bit enables the
protection.
PROTB0.7: Page 7
PROTB0.6: Page 6
PROTB0.5: Page 5
PROTB0.4: Page 4
PROTB0.3: Page 3
PROTB0.2: Page 2
PROTB0.1: Page 1
PROTB0.0: Page 0
Table 92. Flash Write/Erase Protection 1 SFR (PROTB1, 0xBE)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7-0
PROTB1
0xFF
This SFR is used to write the write/erase protection bits for pages 8 to 15 of
the Flash memory – see Protecting the Flash. Clearing the bit enables the
protection.
PROTB1.7: Page 15
PROTB1.6: Page 14
PROTB1.5: Page 13
PROTB1.4: Page 12
PROTB1.3: Page 11
PROTB1.2: Page 10
PROTB1.1: Page 9
PROTB1.0: Page 8
Table 93. Flash Read Protection SFR (PROTR, 0xBF)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7-0
PROTR
0xFF
This SFR is used to write the read protection bits for pages 0 to 31 of the
Flash memory – see Protecting the Flash. Clearing the bit enables the
protection.
PROTR.7: Page 28 to 31
PROTR.6: Page 24 to 27
PROTR.5: Page 20 to 23
PROTR.4: Page 16 to 19
PROTR.3: Page 12 to 15
PROTR.2: Page 8 to 11
PROTR.1: Page 4 to 7
PROTR.0: Page 0 to 3
Table 94. Flash Low Byte Address SFR (EADRL, 0xC6)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7-0
EADRL
0
Flash pointer low byte address
This SFR is also used to write the write/erase protection bits for pages 16
to 23 of the Flash memory – see Protecting the Flash. Clearing the bit
enables the protection.
EADRL.7: Page 23
EADRL.6: Page 22
EADRL.5: Page 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com