Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7166 Datasheet(PDF) 128 Page - Analog Devices

Part # ADE7166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7166 Datasheet(HTML) 128 Page - Analog Devices

Back Button ADE7166 Datasheet HTML 124Page - Analog Devices ADE7166 Datasheet HTML 125Page - Analog Devices ADE7166 Datasheet HTML 126Page - Analog Devices ADE7166 Datasheet HTML 127Page - Analog Devices ADE7166 Datasheet HTML 128Page - Analog Devices ADE7166 Datasheet HTML 129Page - Analog Devices ADE7166 Datasheet HTML 130Page - Analog Devices ADE7166 Datasheet HTML 131Page - Analog Devices ADE7166 Datasheet HTML 132Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 128 of 148
has a 16-bit autoreload mode, a wider range of baud rates is
possible.
Modes 1 and 3 Baud Rate =
16
1
× Timer 2 Overflow Rate
Therefore, when Timer 2 is used to generate baud rates, the
timer increments every two clock cycles rather than every core
machine cycle as before. It increments six times faster than
Timer 1, and, therefore, baud rates six times faster are possible.
Because Timer 2 has 16-bit autoreload capability, very low baud
rates are still possible.
Timer 2 is selected as the baud rate generator by setting the
TCLK and/or RCLK in T2CON. The baud rates for transmit
and receive can be simultaneously different. Setting RCLK
and/or TCLK puts Timer 2 into its baud rate generator mode as
shown in Figure 78.
In this case, the baud rate is given by the formula
Modes 1 and 3 Baud Rate =
()
[]
()
L
RCAP
H
RCAP
F
core
2
:
2
65536
16
−
×
FCORE
T2
PIN
TR2
CONTROL
TL2
(8 BITS)
TH2
(8 BITS)
RELOAD
EXEN2
CONTROL
T2EX
PIN
TRANSITION
DETECTOR
EXF 2
TIMER 2
INTERRUPT
NOTE: AVAILABILITY OF ADDITIONAL
EXTERNAL INTERRUPT
RCAP2L
RCAP2H
TIMER 2
OVERFLOW
2
16
16
RCLK
TCLK
RX
CLOCK
TX
CLOCK
0
0
1
1
1
0
SMOD
TIMER 1
OVERFLOW
C/ T2 = 0
C/ T2 = 1
Figure 78. Timer 2, UART Baud Rates
UART Timer Generated Baud Rates
The high integer dividers in a UART block mean that high
speed baud rates are not always possible. Also, generating baud
rates requires the exclusive use of a timer, rendering it unusable
for other applications when the UART is required. To address
this problem, the ADE75XX/ADE71XX has a dedicated baud
rate timer (UART Timer) specifically for generating highly
accurate baud rates. UART Timer can be used instead of Timer
1 or Timer 2 for generating very accurate high speed UART
baud rates including 115200. UART Timer also allows a much
wider range of baud rates to be obtained. In fact, every desired
bit rate from 12 bps to 393216 bps can be generated to within an
error of ±0.8%. UART Timer also frees up the other three
timers, allowing them to be used for different applications. A
block diagram of UART Timer is shown in Figure 79.
⎟ (1 + SBAUDF/64)
UART Timer
Rx/Tx CLOCK
FCORE
UARTBAUDEN
Rx CLOCK
Tx CLOCK
TIMER 1/TIMER 2
Rx CLOCK
FRACTIONAL
DIVIDER
0
0
1
1
TIMER 1/TIMER 2
Tx CLOCK
⎟ 32
⎟ 2D IV+SBTH
Figure 79. UART Timer, UART Baud Rate
Two SFRs Enhanced Serial baud rate control SFR (SBAUDT,
0x9E) and UART Timer Fractional Divider SFR (SBAUDF,
0x9D) are used to control UART Timer. SBAUDT is the baud
rate control SFR; it sets up the integer divider (DIV) and the
extended divider (SBTH) for UART Timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com